Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

A40MX02-PL100M Datasheet(PDF) 29 Page - Actel Corporation

Part # A40MX02-PL100M
Description  40MX and 42MX FPGA Families
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

A40MX02-PL100M Datasheet(HTML) 29 Page - Actel Corporation

Back Button A40MX02-PL100M Datasheet HTML 25Page - Actel Corporation A40MX02-PL100M Datasheet HTML 26Page - Actel Corporation A40MX02-PL100M Datasheet HTML 27Page - Actel Corporation A40MX02-PL100M Datasheet HTML 28Page - Actel Corporation A40MX02-PL100M Datasheet HTML 29Page - Actel Corporation A40MX02-PL100M Datasheet HTML 30Page - Actel Corporation A40MX02-PL100M Datasheet HTML 31Page - Actel Corporation A40MX02-PL100M Datasheet HTML 32Page - Actel Corporation A40MX02-PL100M Datasheet HTML 33Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 123 page
background image
40MX and 42MX FPGA Families
v6.0
1-23
Timing Models
Note:
* Values are shown for 40MX ‘–3’ speed devices at 5.0V worst-case commercial conditions.
Figure 1-17 • 40MX Timing Model*
Notes: *Values are shown for A42MX09 ‘–3’ at 5.0V worst-case commercial conditions.
† Input module predicted routing delay.
Figure 1-18 • 42MX Timing Model*
Output Delay
Input Delay
Logic Module
Internal Delays
tDLH=3.32 ns
tENHZ=7.92 ns
tRD1=1.28 ns
tRD2=1.80 ns
tRD4=2.33 ns
tRD8=4.93 ns
I/O Module
tPD=1.24 ns
tCO=1.24 ns
tIRD1=2.09 ns
tIRD4=3.64 ns
tIRD8=5.73 ns
tINYL=0.62 ns t
IRD2=2.59 ns
I/O Module
FMAX=180 MHz
tCKH=4.55 ns
FO=128
Array
Clock
Predicted
Routing
Delays
Array
Clocks
Combin
-atoria l
Logic
include
DQ
FO = 32
Output Delays
Internal Delays
Input Delays
I/O Module
DQ
†
Combinatorial
Logic Module
Sequential
Logic Module
I/O Module
I/O Module
DQ
Predicted
Routing
Delays
G
G
t
RD1=0.7 ns
t
RD2=1.9 ns
t
RD4=1.4 ns
t
RD8=2.3 ns
t
OUTH=0.00 ns
t
OUTSU=0.3 ns
t
GLH=2.6 ns
t
DLH=2.5 ns
t
DLH=2.5 ns
t
ENHZ=4.9 ns
t
RD1=0.70 ns
t
LCO=5.2 ns (light loads, pad-to-pad)
t
CO=1.3 ns
t
SUD=0.3 ns
t
HD=0.00 ns
t
PD=1.2 ns
t
IRD1=2.0 ns
t
INYL=0.8 ns
t
INH=0.0 ns
t
INSU=0.3 ns
t
INGL=1.3 ns
F
MAX=296 MHz
t
CKH=2.70 ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com