Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

A40MX02-PL100M Datasheet(PDF) 21 Page - Actel Corporation

Part # A40MX02-PL100M
Description  40MX and 42MX FPGA Families
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

A40MX02-PL100M Datasheet(HTML) 21 Page - Actel Corporation

Back Button A40MX02-PL100M Datasheet HTML 17Page - Actel Corporation A40MX02-PL100M Datasheet HTML 18Page - Actel Corporation A40MX02-PL100M Datasheet HTML 19Page - Actel Corporation A40MX02-PL100M Datasheet HTML 20Page - Actel Corporation A40MX02-PL100M Datasheet HTML 21Page - Actel Corporation A40MX02-PL100M Datasheet HTML 22Page - Actel Corporation A40MX02-PL100M Datasheet HTML 23Page - Actel Corporation A40MX02-PL100M Datasheet HTML 24Page - Actel Corporation A40MX02-PL100M Datasheet HTML 25Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 123 page
background image
40MX and 42MX FPGA Families
v6.0
1-15
5V TTL Electrical Specifications
Table 9 •
5V TTL Electrical Specifications
Symbol
Parameter
Commercial
Commercial -F
Industrial
Military
Units
Min.
Max.
Min.
Max.
Min.
Max.
Min.
Max.
VOH
1
IOH = -10mA
2.4
2.4
V
IOH = -4mA
3.7
3.7
V
VOL
1
IOL = 10mA
0.5
0.5
V
IOL = 6mA
0.4
0.4
V
VIL
-0.3
0.8
-0.3
0.8
-0.3
0.8
-0.3
0.8
V
VIH (40MX)
2.0
VCC+0.3
2.0
VCC+0.3
2.0
VCC+0.3
2.0
VCC+0.3
V
VIH (42MX)
2.0
VCCI+0.3
2.0
VCCI+0.3
2.0
VCCI+0.3
2.0
VCCI+0.3
V
IIL
VIN = 0.5V
-10
-10
-10
-10
µA
IIH
VIN = 2.7V
-10
-10
-10
-10
µA
Input
Transition
Time, TR and TF
500
500
500
500
ns
CIO I/O Capacitance
10101010
pF
Standby
Current,
ICC
2
A40MX02,
A40MX04
3
251025
mA
A42MX09
5
25
25
25
mA
A42MX16
6
25
25
25
mA
A42MX24,
A42MX36
20
25
25
25
mA
Low-Power
Mode
Standby Current
42MX devices
only
0.5
ICC - 5.0
ICC - 5.0
ICC - 5.0
mA
IIO, I/O source sink
current
Can be derived from the IBIS model (http://www.actel.com/techdocs/models/ibis.html)
Notes:
1. Only one output tested at a time. VCC/VCCI = min.
2. All outputs unloaded. All inputs = VCC/VCCI or GND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com