Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LTBGP Datasheet(PDF) 13 Page - Linear Technology

Part # LTBGP
Description  Serial 12-Bit/14-Bit, 2.8Msps Sampling ADCs with Shutdown
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTBGP Datasheet(HTML) 13 Page - Linear Technology

Back Button LTBGP Datasheet HTML 9Page - Linear Technology LTBGP Datasheet HTML 10Page - Linear Technology LTBGP Datasheet HTML 11Page - Linear Technology LTBGP Datasheet HTML 12Page - Linear Technology LTBGP Datasheet HTML 13Page - Linear Technology LTBGP Datasheet HTML 14Page - Linear Technology LTBGP Datasheet HTML 15Page - Linear Technology LTBGP Datasheet HTML 16Page - Linear Technology LTBGP Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
13
LTC1403-1/LTC1403A-1
14031f
Board Layout and Bypassing
Wire wrap boards are not recommended for high resolu-
tion and/or high speed A/D converters. To obtain the best
performance from the LTC1403-1/LTC1403A-1, a printed
circuit board with ground plane is required. Layout for the
printed circuit board should ensure that digital and analog
signal lines are separated as much as possible. In particu-
lar, care should be taken not to run any digital track
alongside an analog signal track. If optimum phase match
between the inputs is desired, the length of the two input
wires should be kept matched.
High quality tantalum and ceramic bypass capacitors
should be used at the VDD and VREF pins as shown in the
Block Diagram on the first page of this data sheet. For
optimum performance, a 10
µF surface mount AVX capaci-
tor with a 0.1
µF ceramic is recommended for the VDD and
VREF pins. Alternatively, 10µF ceramic chip capacitors
such as Murata GRM219R60J106M may be used. The
capacitors must be located as close to the pins as possible.
The traces connecting the pins and the bypass capacitors
must be kept short and should be made as wide as
possible.
Figure 7 shows the recommended system ground connec-
tions. All analog circuitry grounds should be terminated at
the LTC1403-1/LTC1403A-1 GND (Pins 4, 5, 6 and ex-
posed pad). The ground return from the LTC1403-1/
LTC1403A-1 (Pins 4, 5, 6 and exposed pad) to the power
supply should be low impedance for noise free operation.
Digital circuitry grounds must be connected to the digital
supply common. In applications where the ADC data
outputs and control signals are connected to a continu-
ously active microprocessor bus, it is possible to get
errors in the conversion results. These errors are due to
feedthrough from the microprocessor to the successive
approximation comparator. The problem can be elimi-
nated by forcing the microprocessor into a Wait state
during conversion or by using three-state buffers to iso-
late the ADC data bus.
POWER-DOWN MODES
Upon power-up, the LTC1403-1/LTC1403A-1 is initialized
to the active state and is ready for conversion. The Nap and
Sleep mode waveforms show the power-down modes for
the LTC1403-1/LTC1403A-1. The SCK and CONV inputs
control the power-down modes (see Timing Diagrams).
Two rising edges at CONV, without any intervening rising
edges at SCK, put the LTC1403-1/LTC1403A-1 in Nap
APPLICATIO S I FOR ATIO
Figure 7. Recommended Layout
14031 F07
FREQUENCY (Hz)
–60
–30
–20
14031 F06b
–70
–80
–120
–100
0
–10
–40
–50
–90
–110
0
371k
185k
556k
741k
Figure 6b. LTC1403-1 6MHz Sine Wave 4096 Point FFT Plot
with the LT1819 Driving the Inputs Differentially



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com