Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LTBGP Datasheet(PDF) 5 Page - Linear Technology

Part # LTBGP
Description  Serial 12-Bit/14-Bit, 2.8Msps Sampling ADCs with Shutdown
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTBGP Datasheet(HTML) 5 Page - Linear Technology

  LTBGP Datasheet HTML 1Page - Linear Technology LTBGP Datasheet HTML 2Page - Linear Technology LTBGP Datasheet HTML 3Page - Linear Technology LTBGP Datasheet HTML 4Page - Linear Technology LTBGP Datasheet HTML 5Page - Linear Technology LTBGP Datasheet HTML 6Page - Linear Technology LTBGP Datasheet HTML 7Page - Linear Technology LTBGP Datasheet HTML 8Page - Linear Technology LTBGP Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
5
LTC1403-1/LTC1403A-1
14031f
ENOBs and SINAD
vs Input Frequency
SFDR vs Input Frequency
TA = 25°C, VDD = 3V. Single ended AIN+ signal drive
with AIN– = 1.5V DC, differential signals drive both inputs with VCM = 1.5V DC (LTC1403A-1)
THD, 2nd and 3rd vs Input
Frequency
TYPICAL PERFOR A CE CHARACTERISTICS
SNR vs Input Frequency
FREQUENCY (MHz)
0.1
10.0
11.0
12.0
1
10
100
14031 G01
9.0
9.5
10.5
11.5
8.5
8.0
62
68
74
56
59
65
71
53
50
FREQUENCY (MHz)
0.1
–80
–74
–68
–62
–56
1
10
100
14031 G02
–86
–92
–98
–104
–50
–44
THD
3rd
2nd
FREQUENCY (MHz)
0.1
68
56
44
1
10
100
14031 G03
80
74
62
50
86
92
98
104
FREQUENCY (MHz)
0.1
62
56
50
1
10
100
14031 G04
68
65
59
53
71
74
ENOBs and SINAD vs Input
Frequency for Differential Input
Signals
THD, 2nd and 3rd vs Input
Frequency for Differential Input
Signals
FREQUENCY (MHz)
0.1
10.0
11.0
12.0
1
10
100
14031 G18
9.0
9.5
10.5
11.5
8.5
8.0
62
68
74
56
59
65
71
53
50
FREQUENCY (MHz)
0.1
–80
–74
–68
–62
–56
1
10
100
14031 G19
–86
–92
–98
–104
–50
–44
THD
3rd
2nd
1.3MHz Sine Wave 4096 Point
FFT Plot
98kHz Sine Wave 4096 Point
FFT Plot
FREQUENCY (Hz)
–60
–30
–20
14031 G05
–70
–80
–120
–100
0
–10
–40
–50
–90
–110
0
700k
350
1.05M
1.4M
FREQUENCY (Hz)
0
–60
–30
–20
14031 G06
–70
–80
–120
350k
1.05M
700k
1.4M
–100
0
–10
–40
–50
–90
–110
SFDR vs Input Frequency for
Differential Input Signals
FREQUENCY (MHz)
0.1
68
56
44
1
10
100
14031 G20
80
74
62
50
86
92
98
104



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com