Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LTBGP Datasheet(PDF) 2 Page - Linear Technology

Part # LTBGP
Description  Serial 12-Bit/14-Bit, 2.8Msps Sampling ADCs with Shutdown
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTBGP Datasheet(HTML) 2 Page - Linear Technology

  LTBGP Datasheet HTML 1Page - Linear Technology LTBGP Datasheet HTML 2Page - Linear Technology LTBGP Datasheet HTML 3Page - Linear Technology LTBGP Datasheet HTML 4Page - Linear Technology LTBGP Datasheet HTML 5Page - Linear Technology LTBGP Datasheet HTML 6Page - Linear Technology LTBGP Datasheet HTML 7Page - Linear Technology LTBGP Datasheet HTML 8Page - Linear Technology LTBGP Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
2
LTC1403-1/LTC1403A-1
14031f
TJMAX = 125°C, θJA = 150°C/ W
EXPOSED PAD (PIN 11) IS GND
MUST BE SOLDERED TO PCB
1
2
3
4
5
AIN
+
AIN
–
VREF
GND
GND
10
9
8
7
6
CONV
SCK
SDO
VDD
GND
TOP VIEW
11
MSE PACKAGE
10-LEAD PLASTIC MSOP
(Notes 1, 2)
Supply Voltage (VDD) ................................................. 4V
Analog Input Voltage
(Note 3) ....................................–0.3V to (VDD + 0.3V)
Digital Input Voltage ................... – 0.3V to (VDD + 0.3V)
Digital Output Voltage .................. – 0.3V to (VDD + 0.3V)
Power Dissipation .............................................. 100mW
Operation Temperature Range
LTC1403C-1/LTC1403AC-1 ..................... 0
°C to 70°C
LTC1403I-1/LTC1403AI-1 .................. – 40
°C to 85°C
Storage Temperature Range ................. – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec).................. 300
°C
ORDER PART
NUMBER
MSE PART MARKING
LTBGP
LTBGQ
LTBGR
LTBGS
LTC1403CMSE-1
LTC1403IMSE-1
LTC1403ACMSE-1
LTC1403AIMSE-1
The q denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. With internal reference. VDD = 3V
LTC1403-1
LTC1403A-1
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
Resolution (No Missing Codes)
q
12
14
Bits
Integral Linearity Error
(Notes 4, 5, 18)
q
–2
±0.25
2
–4
±0.5
4
LSB
Offset Error
(Notes 4, 18)
q
–10
±1
10
–20
±220
LSB
Gain Error
(Note 4, 18)
q
–30
±5
30
–60
±10
60
LSB
Gain Tempco
Internal Reference (Note 4)
±15
±15
ppm/
°C
External Reference
±1
±1
ppm/
°C
The q denotes the specifications which apply over the full operating temperature range,
otherwise specifications are at TA = 25°C. VDD = 3V
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIN
Analog Differential Input Range (Notes 3, 8, 9)
2.7V
≤ VDD ≤ 3.3V
q
–1.25 to 1.25
V
VCM
Analog Common Mode + Differential
0 to VDD
V
Input Range (Note 10)
IIN
Analog Input Leakage Current
q
1
µA
CIN
Analog Input Capacitance
13
pF
tACQ
Sample-and-Hold Acquisition Time
(Note 6)
q
39
ns
tAP
Sample-and-Hold Aperture Delay Time
1
ns
tJITTER
Sample-and-Hold Aperture Delay Time Jitter
0.3
ps
CMRR
Analog Input Common Mode Rejection Ratio
fIN = 1MHz, VIN = 0V to 3V
–60
dB
fIN = 100MHz, VIN = 0V to 3V
–15
dB
Consult LTC Marketing for parts specified with wider operating temperature ranges.
ABSOLUTE
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO
CO VERTER CHARACTERISTICS
A ALOG I PUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com