Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PSD4235F1-12UI Datasheet(PDF) 80 Page - STMicroelectronics

Part # PSD4235F1-12UI
Description  Flash In-System-Programmable Peripherals for 16-Bit MCUs
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD4235F1-12UI Datasheet(HTML) 80 Page - STMicroelectronics

Back Button PSD4235F1-12UI Datasheet HTML 76Page - STMicroelectronics PSD4235F1-12UI Datasheet HTML 77Page - STMicroelectronics PSD4235F1-12UI Datasheet HTML 78Page - STMicroelectronics PSD4235F1-12UI Datasheet HTML 79Page - STMicroelectronics PSD4235F1-12UI Datasheet HTML 80Page - STMicroelectronics PSD4235F1-12UI Datasheet HTML 81Page - STMicroelectronics PSD4235F1-12UI Datasheet HTML 82Page - STMicroelectronics PSD4235F1-12UI Datasheet HTML 83Page - STMicroelectronics PSD4235F1-12UI Datasheet HTML 84Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 93 page
background image
Preliminary Information
PSD4000 Series
-90
-12
Symbol
Parameter
Conditions
Min
Max
Min
Max
Unit
tLVDV
ALE Access Time from
Power Down
128
135
ns
Maximum Delay from APD Enable
tCLWH
to Internal PDN Valid Signal
Using CLKIN Input
15 * tCLCL (µs) (Note 1)
µs
Power Down Timing (3.0 V to 3.6 V Versions)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
tNLNH
Warm RESET Active Low Time (Note 1)
300
ns
tOPR
RESET High to Operational Device
300
ns
tNLNH-PO
Power On Reset Active Low Time
1
ms
Warm RESETActive Low Time
tNLNH-A
(Note 2)
25
µs
Reset Pin Timing (3.0 V to 3.6 V Versions)
NOTE: 1. tCLCL is the CLKIN clock period.
Microcontroller Interface – PSD4000 AC/DC Parameters
(3.0 V to 3.6 V Versions)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
tBVBH
Vstby Detection to Vstbyon Output
High
(Note 1)
20
µs
tBXBL
Vstby Off Detection to Vstbyon
Output Low
(Note 1)
20
µs
Vstbyon Timing (3.0 V to 3.6 V Versions)
NOTE: 1. RESET will not abort Flash programming/erase cycles.
2. RESET will abort Flash programming or erase cycle.
NOTE: 1. Vstbyon is measured at VCC ramp rate of 2 ms.
77



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com