| Electronic Components Datasheet Search |
|
PSD4235F1-12UI Datasheet(PDF) 36 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
PSD4235F1-12UI Datasheet(HTML) 36 Page - STMicroelectronics |
|
36 / 93 page ![]() Preliminary Information PSD4000 Series 33 The PSD4000 Functional Blocks (cont.) 9.2.1 Decode PLD (DPLD) The DPLD, shown in Figure 10, is used for decoding the address for internal components. The DPLD can generate the following decode signals: • 8 sector selects for the main Flash memory (three product terms each) • 4 sector selects for the Secondary Flash memory (three product terms each) • 1 internal SRAM select (three product terms) • 1 internal CSIOP select (select PSD registers, one product term) Inputs to the DPLD chip selects may include address inputs, Page Register inputs and other user defined external inputs from Ports A, B, C, D or F. 9.2.2 General Purpose PLD (GPLD) The General Purpose PLD implements user defined system combinatorial logic function or chip selects for external devices. Figure 11 shows how the GPLD is connected to the I/O Ports. The GPLD has 24 outputs and each are routed to a port pin. The port pin can also be configured as input to the GPLD. When it is not used as GPLD output or input, the pin can be configured to perform other I/O functions. All GPLD outputs are identical except in the number of available product terms (PTs) for logic implementation. Select the pin that can best meet the PT requirement of your logic function or chip select. In general, a PT is consumed for each logic “OR” function that you specify in PSDsoft. However, certain logic functions can consume more than one PT even if no logic “OR” is specified (such as specifying an address range with boundaries of high granularity). Table 13 shows the number of “native” PTs for each GPLD output pin. A native PT means that a particular PT is dedicated to an output pin. For example, Table 13 shows that PSD Port A pin PA0 has 3 native product terms. This means a guaranteed minimum of 3 PTs is available to implement logic for that pin. PSD silicon and PSDsoft can include additional PTs beyong the native PTs to implement logic. This is a transparent operation that occurs as needed through PT expansion (internal feedback) or PT allocation (internal borrowing). You may notice in the fitter report generated by PSDsoft that for a given GPLD output pin, more PTs were used to implement logic than the number of native PTs available for that pin. This is because PSDsoft has called on unused PTs from other GPLD output pins to make your logic design fit (PT allocation or PT expansion). For optimum results, choose a GPLD output pin with a large number of native PTs for complicated logic. GPLD Output on Port Pin Number of Native Product Terms Port A, pins PA0-3 3 Port A, pins PA4-7 9 Port B, pins PB0-3 4 Port B, pins PB4-7 7 Port C, pins PC0-7 1 Table 13. GPLD Product Term Availability |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |