Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PSD4235F1-12UI Datasheet(PDF) 16 Page - STMicroelectronics

Part # PSD4235F1-12UI
Description  Flash In-System-Programmable Peripherals for 16-Bit MCUs
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD4235F1-12UI Datasheet(HTML) 16 Page - STMicroelectronics

Back Button PSD4235F1-12UI Datasheet HTML 12Page - STMicroelectronics PSD4235F1-12UI Datasheet HTML 13Page - STMicroelectronics PSD4235F1-12UI Datasheet HTML 14Page - STMicroelectronics PSD4235F1-12UI Datasheet HTML 15Page - STMicroelectronics PSD4235F1-12UI Datasheet HTML 16Page - STMicroelectronics PSD4235F1-12UI Datasheet HTML 17Page - STMicroelectronics PSD4235F1-12UI Datasheet HTML 18Page - STMicroelectronics PSD4235F1-12UI Datasheet HTML 19Page - STMicroelectronics PSD4235F1-12UI Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 93 page
background image
Preliminary Information
PSD4000 Series
13
8.0
Register Bit
Definition
(cont.)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Security_Bit
***
Sec3_Prot
Sec2_Prot
Sec1_Prot Sec0_Prot
Flash Boot Protection Register
Bit definitions:
Sec<i>_Prot
1 = Boot Block Sector <i> is write protected.
Sec<i>_Prot
0 = Boot Block Sector <i> is not write protected.
Security_Bit
0 = Security Bit in device has not been set.
1 = Security Bit in device has been set.
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Pgr7
Pgr6
Pgr5
Pgr4
Pgr3
Pgr2
Pgr1
Pgr0
Page Register
Bit definitions:
Configure Page input to PLD. Default Pgr[7:0] = 00.
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
**
PLD
PLD
PLD
*
APD
*
Mcells clk
array-clk
Turbo
enable
PMMR0 Register
Bit definitions: (default is 0)
Bit 1 0 = Automatic Power Down (APD) is disabled.
1 = Automatic Power Down (APD) is enabled.
Bit 3 0 = PLD Turbo is on.
1 = PLD Turbo is off, saving power.
Bit 4 0 = CLKIN input to the PLD AND array is connected.
Every CLKIN change will power up the PLD when Turbo bit is off.
1 = CLKIN input to PLD AND array is disconnected, saving power.
Bit 5 0 = CLKIN input to the PLD Micro
⇔Cells is connected.
1 = CLKIN input to the PLD Micro
⇔Cells is disconnected, saving power.
*Not used bit should be set to zero.
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
*
PLD
PLD
PLD
PLD
PLD
**
array WRh
array Ale
array Cntl2 array Cntl1 array Cntl0
PMMR2 Register
Bit definitions (defauld is 0):
Bit 0 0 = Address A[7:0] are connected into the PLD array.
1 = Address A[7:0] are blocked from the PLD array, saving power.
Note: in XA mode, A3-0 come from PF3-0 and A7-4 come from ADIO7-4.
Bit 2 0 = Cntl0 input to the PLD AND array is connected.
1 = Cntl0 input to the PLD AND array is disconnected, saving power.
Bit 3 0 = Cntl1 input to the PLD AND array is connected.
1 = Cntl1 input to the PLD AND array is disconnected, saving power.
Bit 4 0 = Cntl2 input to the PLD AND array is connected.
1 = Cntl2 input to the PLD AND array is disconnected, saving power.
Bit 5 0 = Ale input to the PLD AND array is connected.
1 = Ale input to the PLD AND array is disconnected, saving power.
Bit 6 0 = WRh/DBE input to the PLD AND array is connected.
1 = WRh/DBE input to the PLD AND array is disconnected, saving power.
*Not used bit should be set to zero.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com