Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NVD10SCMHT Datasheet(PDF) 6 Page - KOA Speer Electronics, Inc.

Part # NVD10SCMHT
Description  Metal Oxide Varistor Disk Type
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KOA [KOA Speer Electronics, Inc.]
Direct Link  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.

NVD10SCMHT Datasheet(HTML) 6 Page - KOA Speer Electronics, Inc.

Back Button NVD10SCMHT Datasheet HTML 2Page - KOA Speer Electronics, Inc. NVD10SCMHT Datasheet HTML 3Page - KOA Speer Electronics, Inc. NVD10SCMHT Datasheet HTML 4Page - KOA Speer Electronics, Inc. NVD10SCMHT Datasheet HTML 5Page - KOA Speer Electronics, Inc. NVD10SCMHT Datasheet HTML 6Page - KOA Speer Electronics, Inc. NVD10SCMHT Datasheet HTML 7Page - KOA Speer Electronics, Inc. NVD10SCMHT Datasheet HTML 8Page - KOA Speer Electronics, Inc. NVD10SCMHT Datasheet HTML 9Page - KOA Speer Electronics, Inc. NVD10SCMHT Datasheet HTML 10Page - KOA Speer Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
SS-245 R4
PAGE 6 OF 12
Bolivar Drive I P.O. Box 547 I Bradford, PA 16701 I USA I 814-362-5536 I Fax 814-362-8883 I www.koaspeer.com
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use.
KOA SPEER ELECTRONICS, INC.
5. Applications and Ratings (Continued)
Type
a.c. r.m.s.
(v)
Maximum Allowable
Voltage
d.c.
(v)
V5A
Max. (2ms)
Energy
V25A
lp (A)
Max. Peak
Current
(2 pulses)
E (J)
Clamping
Voltage
Varistor
Voltage
Vc Ic =
0.1mA (V)
NVD10UC - NVD10UBC*
Max. (2ms)
Energy
lp (A)
E (J)
NVD14UC**
V10A V50A
Clamping
Voltage
Max. Peak
Current
(2 pulses)
Max. (2ms)
Energy
lp (A)
E (J)
NVD20UC
V100A
Clamping
Voltage
Max. Peak
Current
(2 pulses)
NVD
UC330
297 - 363
210
270
42.0
––
545
80.0
––
545
––
––
NVD
UC360
342 - 396
230
300
45.0
––
595
90.0
––
595
180
595
NVD
UC390
367 - 429
250
320
50.0
––
650
100.0
––
650
195
650
NVD
UC430
407 - 473
275
350
55.0
––
710
110.0
––
710
215
710
NVD
UC470
437 - 517
300
385
60.0
––
775
125.0
––
775
250
775
NVD
UC510
474 - 561
320
410
67.0
––
845
136.0
––
845
––
6500
––
NVD
UC620
577 - 682
380
505
67.0
2500
–– 1025
136.0
4500
–– 1025
273
1025
NVD
UC680
637 - 748
420
560
67.0
–– 1120
136.0
–– 1120
273
1120
NVD
UC750
697 - 825
460
615
70.0
–– 1240
150.0
–– 1240
300
1240
NVD
UC780
737 - 858
485
640
70.0
–– 1290
150.0
–– 1290
300
1290
NVD
UC820
767 - 902
510
670
80.0
–– 1355
165.0
–– 1355
325
1355
NVD
UC910
857 - 1000
550
745
90.0
–– 1500
180.0
–– 1500
360
1500
NVD
UC1100 1070 - 1210
680
895
110.0
–– 1815
––
––
––
––
––
––
NVD
UC1800 1700 - 1980
1000
1465
183.0
–– 2970
360.0
–– 2970
––
––
––
Add disk diameter
* Manufacturing range of NVD10UBCis varistor voltages 22 - 270
** NVD14C100 is applied



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com