Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NVD10SCMHT Datasheet(PDF) 8 Page - KOA Speer Electronics, Inc.

Part # NVD10SCMHT
Description  Metal Oxide Varistor Disk Type
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KOA [KOA Speer Electronics, Inc.]
Direct Link  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.

NVD10SCMHT Datasheet(HTML) 8 Page - KOA Speer Electronics, Inc.

Back Button NVD10SCMHT Datasheet HTML 4Page - KOA Speer Electronics, Inc. NVD10SCMHT Datasheet HTML 5Page - KOA Speer Electronics, Inc. NVD10SCMHT Datasheet HTML 6Page - KOA Speer Electronics, Inc. NVD10SCMHT Datasheet HTML 7Page - KOA Speer Electronics, Inc. NVD10SCMHT Datasheet HTML 8Page - KOA Speer Electronics, Inc. NVD10SCMHT Datasheet HTML 9Page - KOA Speer Electronics, Inc. NVD10SCMHT Datasheet HTML 10Page - KOA Speer Electronics, Inc. NVD10SCMHT Datasheet HTML 11Page - KOA Speer Electronics, Inc. NVD10SCMHT Datasheet HTML 12Page - KOA Speer Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
6. Typical Characteristics (Ta = +25°C) D10U/10UB
PAGE 8 OF 12
SS-245 R4
Bolivar Drive I P.O. Box 547 I Bradford, PA 16701 I USA I 814-362-5536 I Fax 814-362-8883 I www.koaspeer.com
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use.
KOA SPEER ELECTRONICS, INC.
Voltage-Current Characteristics (NVD10U/10UB-022~NVD10U/10UB-068)
1
10
100
1000
Current (A)
10
-6
10
-5
10
-4
10
-3
10
-2
10
-1
10
0
10
1
10
2
10
3
Max. Clamping Voltage
Max. Leakage Current
NVD10U/10UBC068
NVD10U/10UBC056
NVD10U/10UBC047
NVD10U/10UBC039
NVD10U/10UBC033
NVD10U/10UBC027
NVD10U/10UBC022
Image Derating
(NVD10U/10UB-022~NVD10U/10UB-068)
0.1
10
100
1000
Impulse Width(
µs)
20
100
1000
1
10000
n=10
2
n=10
3
n=2
n=10
n=10
4
n=10
5
n=10
6
40
Voltage-Current Characteristics
(NVD10U-082~NVD10U-1800) (NVD10UB-082~NVD10UB-270)
Current (A)
10
-6
10
-5
10
-4
10
-3
10
-2
10
-1
10
0
10
1
10
2
10
3
Max. Clamping Voltage
Max. Leakage Current
NVD10UC1800
NVD10UC1100
NVD10UC910
NVD10UC820
NVD10UC780
NVD10UC750
NVD10UC680
NVD10UC620
NVD10UC510
NVD10UC470
NVD10UC430
NVD10UC390
NVD10UC360
NVD10UC330
NVD10U/10UBC270
NVD10U/10UBC240
NVD10U/10UBC220
NVD10U/10UBC200
NVD10U/10UBC150
NVD10U/10UBC120
NVD10U/10UBC100
NVD10/10BC082
10
4
10
5
30
300
700
5000
1000
900
800
600
500
400
200
50
60
70
80
90
100
4000
3000
2000
20
10
Image Derating
(NVD10U-082~NVD10U-510)
(NVD10UB-082~NVD10UB-270)
1
100
1000
10000
Impulse Width(
µs)
20
100
1000
10
10000
n=10
2
n=10
3
n=2
n=10
n=10
4
n=10
5
n=10
6
Image Derating
(NVD10U-620~NVD10U-1800)
1
100
1000
10000
Impulse Width(
µs)
20
100
1000
10
10000
n=10
2
n=10
3
n=2
n=10
n=10
4
n=10
5
n=10
6
Surge current is
related to impulse
width and its
repetition times.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com