Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NVD10SCMHT Datasheet(PDF) 7 Page - KOA Speer Electronics, Inc.

Part # NVD10SCMHT
Description  Metal Oxide Varistor Disk Type
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KOA [KOA Speer Electronics, Inc.]
Direct Link  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.

NVD10SCMHT Datasheet(HTML) 7 Page - KOA Speer Electronics, Inc.

Back Button NVD10SCMHT Datasheet HTML 3Page - KOA Speer Electronics, Inc. NVD10SCMHT Datasheet HTML 4Page - KOA Speer Electronics, Inc. NVD10SCMHT Datasheet HTML 5Page - KOA Speer Electronics, Inc. NVD10SCMHT Datasheet HTML 6Page - KOA Speer Electronics, Inc. NVD10SCMHT Datasheet HTML 7Page - KOA Speer Electronics, Inc. NVD10SCMHT Datasheet HTML 8Page - KOA Speer Electronics, Inc. NVD10SCMHT Datasheet HTML 9Page - KOA Speer Electronics, Inc. NVD10SCMHT Datasheet HTML 10Page - KOA Speer Electronics, Inc. NVD10SCMHT Datasheet HTML 11Page - KOA Speer Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
SS-245 R4
PAGE 7 OF 12
Bolivar Drive I P.O. Box 547 I Bradford, PA 16701 I USA I 814-362-5536 I Fax 814-362-8883 I www.koaspeer.com
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use.
KOA SPEER ELECTRONICS, INC.
6. Typical Characteristics (Ta = +25°C) D05U
Voltage-Current Characteristics (NVD05U-022~NVD05U-068)
1
10
100
1000
Current (A)
10
-6
10
-5
10
-4
10
-3
10
-2
10
-1
10
0
10
1
10
2
10
3
Max. Clamping Voltage
Max. Leakage Current
NVD05UC068
NVD05UC056
NVD05UC047
NVD05UC039
NVD05UC033
NVD05UC027
NVD05UC022
Image Derating
(NVD05U-022~NVD05U-068)
0.1
10
100
1000
1
Impulse Width(
µs)
20
100
1000
10000
n=10
2
n=10
3
n=2
n=10
n=10
4
n=10
5
n=10
6
Voltage-Current Characteristics (NVD05U-082~NVD05U-470)
10
100
1000
10000
Current (A)
10
-6
10
-5
10
-4
10
-3
10
-2
10
-1
10
0
10
1
10
2
10
3
Max. Clamping Voltage
Max. Leakage Current
NVD05UC470
NVD05UC430
NVD05UC390
NVD05UC360
NVD05UC330
NVD05UC270
NVD05UC240
NVD05UC220
NVD05UC200
NVD05UC150
NVD05UC120
NVD05UC100
NVD05C082
Image Derating
(NVD05U-082~NVD05U-470)
0.1
10
100
1000
Impulse Width(
µs)
20
100
1000
1
10000
n=10
2
n=10
3
n=2
n=10
n=10
4
n=10
5
n=10
6
Surge current is
related to impulse
width and its
repetition times.
Surge current is
related to impulse
width and its
repetition times.
Typical Characteristics (Ta = +25°C) D07U
Voltage-Current Characteristics (NVD07U-022~NVD07U-068)
1
10
100
1000
Current (A)
10
-6
10
-5
10
-4
10
-3
10
-2
10
-1
10
0
10
1
10
2
10
3
Max. Clamping Voltage
Max. Leakage Current
NVD07UC068
NVD07UC056
NVD07UC047
NVD07UC039
NVD07UC033
NVD07UC027
NVD07UC022
Image Derating
(NVD07U-022~NVD07U-068)
0.1
10
100
1000
Impulse Width(
µs)
20
100
1000
1
10000
n=10
2
n=10
3
n=2
n=10
n=10
4
n=10
5
n=10
6
600
Voltage-Current Characteristics (NVD07U-082~NVD07U-470)
30
300
700
2000
Current (A)
10
-6
10
-5
10
-4
10
-3
10
-2
10
-1
10
0
10
1
10
2
10
3
Max. Clamping Voltage
Max. Leakage Current
NVD07UC470
NVD07UC430
NVD07UC390
NVD07UC360
NVD07UC330
NVD07UC270
NVD07UC240
NVD07UC220
NVD07UC200
NVD07UC150
NVD07UC120
NVD07UC100
NVD07C082
10
4
10
5
1000
900
800
500
400
200
40
50
60
70
80
90
100
Image Derating
(NVD07U-082~NVD07U-470)
1
100
1000
10000
Impulse Width(
µs)
20
100
1000
10
10000
n=10
2
n=10
3
n=2
n=10
n=10
4
n=10
5
n=10
6
Surge current is
related to impulse
width and its
repetition times.
Surge current is
related to impulse
width and its
repetition times.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com