Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MGH2812S/883 Datasheet(PDF) 1 Page - Crane Aerospace & Electronics.

Part # MGH2812S/883
Description  MCH/MGH Single and Dual DC/DC Converters
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRANE [Crane Aerospace & Electronics.]
Direct Link  http://www.craneae.com
Logo CRANE - Crane Aerospace & Electronics.

MGH2812S/883 Datasheet(HTML) 1 Page - Crane Aerospace & Electronics.

  MGH2812S/883 Datasheet HTML 1Page - Crane Aerospace & Electronics. MGH2812S/883 Datasheet HTML 2Page - Crane Aerospace & Electronics. MGH2812S/883 Datasheet HTML 3Page - Crane Aerospace & Electronics. MGH2812S/883 Datasheet HTML 4Page - Crane Aerospace & Electronics. MGH2812S/883 Datasheet HTML 5Page - Crane Aerospace & Electronics. MGH2812S/883 Datasheet HTML 6Page - Crane Aerospace & Electronics. MGH2812S/883 Datasheet HTML 7Page - Crane Aerospace & Electronics. MGH2812S/883 Datasheet HTML 8Page - Crane Aerospace & Electronics. MGH2812S/883 Datasheet HTML 9Page - Crane Aerospace & Electronics. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
MCH/MGH Single and Dual DC/DC Converters
Crane Aerospace & Electronics Power Solutions
Crane Aerospace & Electronics
Electronics Group (Interpoint Brand)
PO Box 97005 • Redmond WA 98073-9705
425.882.3100 • electronics@craneae.com
www.craneae.com
Page 1 of 18
Rev E - 20060508
28 VOLT INPUT – 1.5 WATT
FEATURES
• -55°C to +125°C operation
• 12 to 50 VDC input
• Fully isolated
• Magnetic feedback
• Fixed frequency 370 kHz typ.
• Topology – Current Mode Flyback
• 80 V for up to 120 ms transient protection
(70 V for 15 V single and dual models)
• Inhibit function
• Indefinite short circuit protection
• Undervoltage lockout
• Up to 79% efficiency (MGH models)
MODELS
VDC OUTPUT
MCH SERIES™ SINGLE & DUAL
DC/DC CONVERTERS
With a miniature footprint of just 0.8 square inches, the MCH
Series™ of DC/DC converters delivers 1.5 watts of output power
while saving significant board real estate. The wide input voltage
range of 12 to 50 VDC accepts the varying voltages of military, aero-
space, or space bus power and tightly regulates output voltages to
protect downstream components. Transient protection of 80 volts for
up to 120 milliseconds exceeds the requirements of MIL-STD-704A
for the 5, 5.2, and 12 volt single models and the 12 volt dual model.
The 15 volt single and dual converters will withstand transients of up
to 70 volts for up to 120 milliseconds.
CONVERTER DESIGN
MCH Series DC/DC converters incorporate a continuous flyback
topology with a constant switching frequency of approximately 370
kHz. Current-mode pulse width modulation (PWM) provides output
voltage regulation. Output error voltage is magnetically fed back to
the input side of the PWM to regulate output voltage. Regulation is
also affected by the load; refer to the Electrical Characteristics
tables on the following pages.
Dual models regulate the negative output with magnetic coupling to
the positive output. Up to 80% of the total load may be on one output
providing that the other output carries a minimum of 20% of the total
load. The dual models can be used at double the output voltage by
connecting the load between positive and negative outputs, leaving
the common unconnected. (ex: MCH2805D can be used as a 10
VDC output.)
INHIBIT FUNCTION
When an open collector TTL logic low is applied to the inhibit
terminal, pin 7, the converter shuts down and lowers the output
voltage to near zero and input current to as low as 2.3 mA. Leaving
the terminal open or applying an open collector TTL logic high will
enable the converter.
PROTECTION FEATURES
Undervoltage lockout prevents the MCH Series converters from
operating below approximately 8 VDC input voltage to keep system
current levels smooth, especially during initialization or re-start oper-
ations. All models include a soft-start function to prevent large
current draw and minimize overshoot. The converters also provide
short circuit protection by restricting the current.
MIL-STD-461
Use Interpoint’s FMSA-461 EMI filter to pass the CE03 requirements
of MIL-STD-461C.
CONVENIENT PACKAGING
The MCH Series converters are packaged in hermetically sealed,
projection-welded metal cases which provide EMI/RFI shielding.
SINGLES
5
5.2 (MCH)
12
15
DUALS
±5
±12
±15


Similar Part No. - MGH2812S/883

ManufacturerPart #DatasheetDescription
logo
Interpoint Corporation ...
MGH2812SZ/883 INTERPOINT-MGH2812SZ/883 Datasheet
344Kb / 13P
MCH/MGH Single and Dual DC-DC Converters 28 Volt input ??1.5 Watt
MGH2812SZ/ES INTERPOINT-MGH2812SZ/ES Datasheet
116Kb / 8P
DC/DC CONVERTERS 28 VOLT INPUT
More results

Similar Description - MGH2812S/883

ManufacturerPart #DatasheetDescription
logo
Interpion semiconductor
SMFL INTERPION-SMFL Datasheet
483Kb / 13P
Single and Dual DC/DC Converters
logo
Crane Aerospace & Elect...
MFLHP2805S CRANE-MFLHP2805S Datasheet
169Kb / 11P
MFLHP Single and Dual DC/DC Converters
SLH2805S CRANE-SLH2805S Datasheet
548Kb / 10P
SLH Single and Dual DC/DC Converters
SMFL283R3S CRANE-SMFL283R3S Datasheet
483Kb / 13P
SMFL Single and Dual DC/DC Converters
SMFLH283R3SHO CRANE-SMFLH283R3SHO Datasheet
227Kb / 13P
SMFLHP Single and Dual DC/DC Converters
SMSA283R3SKR CRANE-SMSA283R3SKR Datasheet
646Kb / 14P
SMSA Single and Dual DC/DC Converters
logo
Interpoint Corporation ...
MCH2805S INTERPOINT-MCH2805S_13 Datasheet
344Kb / 13P
MCH/MGH Single and Dual DC-DC Converters 28 Volt input ??1.5 Watt
MHP270 INTERPOINT-MHP270_11 Datasheet
720Kb / 10P
MHP270 Single and Dual DC/DC Converters
SLH28 INTERPOINT-SLH28 Datasheet
418Kb / 12P
SLH Single and Dual DC-DC Converters
SMFL283R3S INTERPOINT-SMFL283R3S_16 Datasheet
332Kb / 15P
SMFL Single and Dual DC-DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com