Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MGH2812S/883 Datasheet(PDF) 5 Page - Crane Aerospace & Electronics.

Part # MGH2812S/883
Description  MCH/MGH Single and Dual DC/DC Converters
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRANE [Crane Aerospace & Electronics.]
Direct Link  http://www.craneae.com
Logo CRANE - Crane Aerospace & Electronics.

MGH2812S/883 Datasheet(HTML) 5 Page - Crane Aerospace & Electronics.

  MGH2812S/883 Datasheet HTML 1Page - Crane Aerospace & Electronics. MGH2812S/883 Datasheet HTML 2Page - Crane Aerospace & Electronics. MGH2812S/883 Datasheet HTML 3Page - Crane Aerospace & Electronics. MGH2812S/883 Datasheet HTML 4Page - Crane Aerospace & Electronics. MGH2812S/883 Datasheet HTML 5Page - Crane Aerospace & Electronics. MGH2812S/883 Datasheet HTML 6Page - Crane Aerospace & Electronics. MGH2812S/883 Datasheet HTML 7Page - Crane Aerospace & Electronics. MGH2812S/883 Datasheet HTML 8Page - Crane Aerospace & Electronics. MGH2812S/883 Datasheet HTML 9Page - Crane Aerospace & Electronics. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
MCH/MGH Single and Dual DC/DC Converters
Crane Aerospace & Electronics Power Solutions
Page 5 of 18
Rev E - 20060508
www.craneae.com
28 VOLT INPUT – 1.5 WATT
MCH
28 12 D / 883
Base Model
Input Voltage
Output Voltage
Screening
Number of Outputs
(S = single, D = dual)
(R = decimal point, 3R3 = 3.3 Vout)
(Standard screening has no designator
in this position.)
SMD NUMBERS
MODEL NUMBERING KEY
STANDARD MICROCIRCUIT
DRAWING (SMD)
5962-9569601HXC
5962-9569701HXC
5962-9569801HXC
5962-9570201HXC
5962-9570301HXC
5962-9570401HXC
MCH SERIES
SIMILAR PART
MCH2805S/883
MCH2812S/883
MCH2815S/883
MCH2805D/883
MCH2812D/883
MCH2815D/883
For exact specifications for an SMD product, refer to the SMD
drawing. SMDs can be downloaded from:
http://www.dscc.dla.mil/programs/smcr
Model Selection
MCH28
Base model
Vout value
number of outputs
case option
screening
Choose one from each of the following rows
Vout value
for singles: 5, 5R2, 12, 15
duals: 5, 12, 15
“R” = decimal point, 3R3 = 3.3 VDC
Number of outputs
S (single) or D (dual)
Case option
standard (case A2, leave blank)
Screening
standard screening, leave blank
/ES (ES screening), /883 (Class H, QML)
MCH Model Selection Table (see next page for MGH options)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com