Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MGH2812S/883 Datasheet(PDF) 6 Page - Crane Aerospace & Electronics.

Part # MGH2812S/883
Description  MCH/MGH Single and Dual DC/DC Converters
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRANE [Crane Aerospace & Electronics.]
Direct Link  http://www.craneae.com
Logo CRANE - Crane Aerospace & Electronics.

MGH2812S/883 Datasheet(HTML) 6 Page - Crane Aerospace & Electronics.

Back Button MGH2812S/883 Datasheet HTML 2Page - Crane Aerospace & Electronics. MGH2812S/883 Datasheet HTML 3Page - Crane Aerospace & Electronics. MGH2812S/883 Datasheet HTML 4Page - Crane Aerospace & Electronics. MGH2812S/883 Datasheet HTML 5Page - Crane Aerospace & Electronics. MGH2812S/883 Datasheet HTML 6Page - Crane Aerospace & Electronics. MGH2812S/883 Datasheet HTML 7Page - Crane Aerospace & Electronics. MGH2812S/883 Datasheet HTML 8Page - Crane Aerospace & Electronics. MGH2812S/883 Datasheet HTML 9Page - Crane Aerospace & Electronics. MGH2812S/883 Datasheet HTML 10Page - Crane Aerospace & Electronics. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
MCH/MGH Single and Dual DC/DC Converters
Crane Aerospace & Electronics Power Solutions
Page 6 of 18
Rev E - 20060508
www.craneae.com
28 VOLT INPUT – 1.5 WATT
SMD NUMBERS
STANDARD MICROCIRCUIT
DRAWING (SMD)
5962-9569601HYC
5962-9569701HYC
5962-9569801HYC
5962-9570201HYC
5962-9570301HYC
5962-9570401HYC
MCH/MGH SERIES
SIMILAR PART
MGH2805S/883
MGH2812S/883
MGH2815S/883
MGH2805D/883
MGH2812D/883
MGH2815D/883
For exact specifications for an SMD product, refer to the SMD
drawing. For the gull wing lead option, replace the Y in the SMD
number (HYC) with a Z (HZC). SMDs can be downloaded from
http://www.dscccols.com/programs/smcr
Model Selection
MGH28
Base model
Vout value
number of outputs
screening
Choose one from each of the following rows
Vout value
singles: 5, 12, 15
duals: 5, 12, 15
“R” = decimal point, 3R3 = 3.3 VDC
Number of outputs
S (single) or D (dual)
Screening
standard screening, leave blank
/ES (ES screening), /883 (Class H, QML)
MGH
28 12 S
Z / ES
Base Model
Input Voltage
Output Voltage
Screening
Number of Outputs
(S = single, D = dual)
Gull Wing Lead Option
(Straight leaded case has no designator
in this position.)
(Standard screening has no designator
in this position.)
MODEL NUMBERING KEY
MGH Model Selection Table (see previous page for MCH options)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com