Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CDK8307 Datasheet(PDF) 1 Page - Cadeka Microcircuits LLC.

Part # CDK8307
Description  12/13-bit, 20/40/50/65MSPS, Eight Channel, Ultra Low Power ADC with LVDS
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

CDK8307 Datasheet(HTML) 1 Page - Cadeka Microcircuits LLC.

  CDK8307 Datasheet HTML 1Page - Cadeka Microcircuits LLC. CDK8307 Datasheet HTML 2Page - Cadeka Microcircuits LLC. CDK8307 Datasheet HTML 3Page - Cadeka Microcircuits LLC. CDK8307 Datasheet HTML 4Page - Cadeka Microcircuits LLC. CDK8307 Datasheet HTML 5Page - Cadeka Microcircuits LLC. CDK8307 Datasheet HTML 6Page - Cadeka Microcircuits LLC. CDK8307 Datasheet HTML 7Page - Cadeka Microcircuits LLC. CDK8307 Datasheet HTML 8Page - Cadeka Microcircuits LLC. CDK8307 Datasheet HTML 9Page - Cadeka Microcircuits LLC. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
PRELIMINARY Data Sheet
©2009 CADEKA Microcircuits LLC
www.cadeka.com
Amplify the Human Experience
CDK8307
12/1
3-bit, 20/40/50/65MSPS, Eight Channel,
Ultra Low Power ADC with LVDS
F E A T U R E S
n
20/40/50/65MSPS maximum sampling rate
n
Low Power Dissipation
– 22mW/channel at 20MSPS
– 34mW/channel at 40MSPS
– 40mW/channel at 50MSPS
– 50mW/channel at 65MSPS
n
72.2dB SNR at 8MHz FIN
n
0.5μs startup time from Sleep
n
15μs startup time from Power Down
n
Internal reference circuitry requires no
external components
n
Internal offset correction
n
Reduced power dissipation modes available
– 32mW/channel at 50MSPS
– 71.5dB SNR at 8MHz FIN
n
Coarse and fine gain control
n
1.8V supply voltage
n
Serial LVDS output
– 12- and 14-bit output available
n
Package alternatives
– TQFP-80
– QFN-64
A P P L I C A T I O N S
n
Medical Imaging
n
Wireless Infrastructure
n
Test and Measurement
n
Instrumentation
General Description
The CDK8307 is a high performance low power octal analog-to-digital
converter (ADC). The ADC employs internal reference circuitry, a serial control
interface and serial LVDS output data, and is based on a proprietary structure.
An integrated PLL multiplies the input sampling clock by a factor of 12 or 14,
according to the LVDS output setting. The multiplied clock is used for data
serialization and data output. Data and frame synchronization output clocks are
supplied for data capture at the receiver.
Various modes and configuration settings can be applied to the ADC through
the serial control interface (SPI). Each channel can be powered down inde-
pendently and data format can be selected through this interface. A full chip
idle mode can be set by a single external pin. Register settings determines the
exact function of this external pin.
The CDK8307 is designed to easily interface with field-programmable gate
arrays (FPGAs) from several vendors.
The very low startup times of the CDK8307 allow significant power reduction
in duty-cycled systems, by utilizing the Sleep Mode or Power Down Mode when
the receive path is idle.
Block Diagram
Serial Control
Interface
LVDS
LVDS
D1N
D1P
IP1
IN1
ADC
LVDS
D2N
D2P
IP2
IN2
ADC
LVDS
PLL
Clock
Input
Digital
Gain
Digital
Gain
Digital
Gain
D8N
D8P
IP8
IN8
ADC
FCLKP
FCLKN
LCLKP
LCLKN


Similar Part No. - CDK8307

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
CDK8307 EXAR-CDK8307 Datasheet
1Mb / 31P
12/13-bit, 20/40/50/65/80MSPS, Eight Channel, Ultra Low Power ADC with LVDS
logo
Cadeka Microcircuits LL...
CDK8307AILP64 CADEKA-CDK8307AILP64 Datasheet
1Mb / 31P
12/13-bit, 20/40/50/65/80MSPS, Eight Channel, Ultra Low Power ADC with LVDS
logo
Exar Corporation
CDK8307AILP64 EXAR-CDK8307AILP64 Datasheet
1Mb / 31P
12/13-bit, 20/40/50/65/80MSPS, Eight Channel, Ultra Low Power ADC with LVDS
logo
Cadeka Microcircuits LL...
CDK8307AITQ80 CADEKA-CDK8307AITQ80 Datasheet
1Mb / 31P
12/13-bit, 20/40/50/65/80MSPS, Eight Channel, Ultra Low Power ADC with LVDS
logo
Exar Corporation
CDK8307AITQ80 EXAR-CDK8307AITQ80 Datasheet
1Mb / 31P
12/13-bit, 20/40/50/65/80MSPS, Eight Channel, Ultra Low Power ADC with LVDS
More results

Similar Description - CDK8307

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1127 MAXIM-MAX1127 Datasheet
1Mb / 25P
Quad, 12-Bit, 65Msps, 1.8V ADC with Serial LVDS Outputs
Rev 1; 3/04
logo
Burr-Brown (TI)
ADS5272 BURR-BROWN-ADS5272 Datasheet
246Kb / 16P
8-Channel, 12-Bit, 65MSPS ADC with Serial LVDS Interface
logo
Linear Technology
LTC1741 LINER-LTC1741 Datasheet
666Kb / 20P
12-Bit, 65Msps Low Noise ADC
logo
Cadeka Microcircuits LL...
CDK8307_1A CADEKA-CDK8307_1A Datasheet
1Mb / 31P
12/13-bit, 20/40/50/65/80MSPS, Eight Channel, Ultra Low Power ADC with LVDS
logo
Maxim Integrated Produc...
MAX1438 MAXIM-MAX1438 Datasheet
450Kb / 22P
Octal, 12-Bit, 65Msps, 1.8V ADC with Serial LVDS Outputs Serial LVDS Outputs
Rev 1; 2/11
logo
Texas Instruments
ADS5272 TI1-ADS5272_14 Datasheet
1Mb / 33P
8-Channel, 12-Bit, 65MSPS ADC with Serial LVDS Interface
logo
Linear Technology
LTC1741 LINER-LTC1741_15 Datasheet
671Kb / 20P
12-Bit, 65Msps Low Noise ADC
logo
Texas Instruments
ADS5272 TI1-ADS5272_13 Datasheet
1Mb / 33P
8-Channel, 12-Bit, 65MSPS ADC
logo
Exar Corporation
CDK8307 EXAR-CDK8307 Datasheet
1Mb / 31P
12/13-bit, 20/40/50/65/80MSPS, Eight Channel, Ultra Low Power ADC with LVDS
logo
Maxim Integrated Produc...
MAX1207 MAXIM-MAX1207 Datasheet
892Kb / 29P
65Msps, 12-Bit ADC
2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com