Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMS320LF2407 Datasheet(PDF) 13 Page - Texas Instruments

Part # TMS320LF2407
Description  DSP CONTROLLERS
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320LF2407 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TMS320LF2407 Datasheet HTML 9Page - Texas Instruments TMS320LF2407 Datasheet HTML 10Page - Texas Instruments TMS320LF2407 Datasheet HTML 11Page - Texas Instruments TMS320LF2407 Datasheet HTML 12Page - Texas Instruments TMS320LF2407 Datasheet HTML 13Page - Texas Instruments TMS320LF2407 Datasheet HTML 14Page - Texas Instruments TMS320LF2407 Datasheet HTML 15Page - Texas Instruments TMS320LF2407 Datasheet HTML 16Page - Texas Instruments TMS320LF2407 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 106 page
background image
TMS320LF2407, TMS320LF2406, TMS320LF2402
TMS320LC2406, TMS320LC2404, TMS320LC2402
DSP CONTROLLERS
SPRS094C – APRIL 1999 – REVISED OCTOBER 1999
13
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
pin functions (continued)
Table 2. ’LF240x and ’LC240x Pin List and Package Options†‡ (Continued)
PIN NAME
’LF2407
’2406
’LC2404
’2402
DESCRIPTION
ADDRESS, DATA, AND MEMORY CONTROL SIGNALS (CONTINUED)
MP/MC
118
Microprocessor/Microcomputer mode select. If this pin is low
during reset, the device is put in microcomputer mode and
program execution begins at 0000h of internal program memory
(flash EEPROM). A high value during reset puts the device in
microprocessor mode and program execution begins at 0000h of
external program memory. This line sets the MP/MC bit (bit 2 in
the SCSR2 register).
(
↓)
ENA_144
122
Active high to enable external interface signals. If pulled low, the
’2407 behaves like the ’2406/’2404—i.e., it has no external
memory and generates an illegal address if any of the three
external spaces are accessed (IS and DS asserted). This pin
has an internal pulldown.
(
↓)
VIS_OE
97
Visibility output enable (active when data bus is output). This pin
is active (low) whenever the external databus is driving as an
output during visibility mode. Can be used by external decode
logic to prevent data bus contention while running in visibility
mode.
A0
80
Bit 0 of the 16-bit address bus
A1
78
Bit 1 of the 16-bit address bus
A2
74
Bit 2 of the 16-bit address bus
A3
71
Bit 3 of the 16-bit address bus
A4
68
Bit 4 of the 16-bit address bus
A5
64
Bit 5 of the 16-bit address bus
A6
61
Bit 6 of the 16-bit address bus
A7
57
Bit 7 of the 16-bit address bus
A8
53
Bit 8 of the 16-bit address bus
A9
51
Bit 9 of the 16-bit address bus
A10
48
Bit 10 of the 16-bit address bus
A11
45
Bit 11 of the 16-bit address bus
A12
43
Bit 12 of the 16-bit address bus
A13
39
Bit 13 of the 16-bit address bus
A14
34
Bit 14 of the 16-bit address bus
A15
31
Bit 15 of the 16-bit address bus
D0
127
Bit 0 of 16-bit data bus
(
↑)
D1
130
Bit 1 of 16-bit data bus
(
↑)
D2
132
Bit 2 of 16-bit data bus
(
↑)
D3
134
Bit 3 of 16-bit data bus
(
↑)
D4
136
Bit 4 of 16-bit data bus
(
↑)
D5
138
Bit 5 of 16-bit data bus
(
↑)
D6
143
Bit 6 of 16-bit data bus
(
↑)
D7
5
Bit 7 of 16-bit data bus
(
↑)
D8
9
Bit 8 of 16-bit data bus
(
↑)
† Bold, italicized pin names indicate pin function after reset.
‡ GPIO – General-purpose input/output pin. All GPIOs come up as input after reset.
LEGEND:
↑ – Internal pullup
↓ – Internal pulldown



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com