Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMS320F241FN Datasheet(PDF) 64 Page - Texas Instruments

Part # TMS320F241FN
Description  DSP CONTROLLERS
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F241FN Datasheet(HTML) 64 Page - Texas Instruments

Back Button TMS320F241FN Datasheet HTML 60Page - Texas Instruments TMS320F241FN Datasheet HTML 61Page - Texas Instruments TMS320F241FN Datasheet HTML 62Page - Texas Instruments TMS320F241FN Datasheet HTML 63Page - Texas Instruments TMS320F241FN Datasheet HTML 64Page - Texas Instruments TMS320F241FN Datasheet HTML 65Page - Texas Instruments TMS320F241FN Datasheet HTML 66Page - Texas Instruments TMS320F241FN Datasheet HTML 67Page - Texas Instruments TMS320F241FN Datasheet HTML 68Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 116 page
background image
TMS320F243, TMS320F241
DSP CONTROLLERS
SPRS064B – DECEMBER 1997 – REVISED FEBRUARY 1999
64
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
instruction set summary (continued)
Table 20. TMS320x24x Opcode Symbols
SYMBOL
DESCRIPTION
A
Address
ACC
Accumulator
ACCB
Accumulator buffer
ARx
Auxiliary register value (0 – 7)
BITx
4-bit field that specifies which bit to test for the BIT instruction
BMAR
Block-move address register
DBMR
Dynamic bit-manipulation register
I
Addressing-mode bit
II...II
Immediate operand value
INTM
Interrupt-mode flag bit
INTR#
Interrupt vector number
K
Constant
PREG
Product register
PROG
Program memory
RPTC
Repeat counter
SHF, SHFT
3/4-bit shift value
TC
Test-control bit
T P
Two bits used by the conditional execution instructions to represent the conditions TC, NTC, and BIO.
T P
Meaning
0 0
BIO low
0 1
TC = 1
1 0
TC = 0
1 1
None of the above conditions
TREGn
Temporary register n (n = 0, 1, or 2)
Z L V C
4-bit field representing the following conditions:
Z:
ACC = 0
L:
ACC < 0
V:
Overflow
C:
Carry
A conditional instruction contains two of these 4-bit fields. The 4-LSB field of the instruction is a 4-bit mask field. A 1 in the
corresponding mask bit indicates that the condition is being tested. The second 4-bit field (bits 4 – 7) indicates the state of
the conditions designated by the mask bits as being tested. For example, to test for ACC
≥ 0, the Z and L fields are set while
the V and C fields are not set. The next 4-bit field contains the state of the conditions to test. The Z field is set to indicate
testing of the condition ACC = 0, and the L field is reset to indicate testing of the condition ACC
≥ 0. The conditions possible
with these 8 bits are shown in the BCND and CC instructions. To determine if the conditions are met, the 4-LSB bit mask
is ANDed with the conditions. If any bits are set, the conditions are met.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com