Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMS320F241FN Datasheet(PDF) 14 Page - Texas Instruments

Part # TMS320F241FN
Description  DSP CONTROLLERS
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F241FN Datasheet(HTML) 14 Page - Texas Instruments

Back Button TMS320F241FN Datasheet HTML 10Page - Texas Instruments TMS320F241FN Datasheet HTML 11Page - Texas Instruments TMS320F241FN Datasheet HTML 12Page - Texas Instruments TMS320F241FN Datasheet HTML 13Page - Texas Instruments TMS320F241FN Datasheet HTML 14Page - Texas Instruments TMS320F241FN Datasheet HTML 15Page - Texas Instruments TMS320F241FN Datasheet HTML 16Page - Texas Instruments TMS320F241FN Datasheet HTML 17Page - Texas Instruments TMS320F241FN Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 116 page
background image
TMS320F243, TMS320F241
DSP CONTROLLERS
SPRS064B – DECEMBER 1997 – REVISED FEBRUARY 1999
14
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
Terminal Functions - ’F241 PG and FN Packages
NAME
64
QFP
68
PLCC
TYPE†
RESET
STATE‡
DESCRIPTION
NO.
NO.
STATE‡
INTERFACE CONTROL SIGNALS
VCCP/WDDIS
52
63
I
I
Flash programming voltage supply pin. This is the 5-V supply used for
flash programming. Flash cannot be programmed if this pin is held at 0 V.
This pin also works as a hardware watchdog disable, when VCCP/WDDIS
= +5 V and bit 6 in WDCR is set to 1. Note that on ROM devices, only the
WDDIS function is valid.
ANALOG-TO-DIGITAL CONVERTER (ADC) INPUTS
ADCIN00
24
32
ADCIN01
23
31
ADCIN02
22
30
ADCIN03
21
29
I
I
Analog inputs to the ADC
ADCIN04
20
28
I
I
Analog inputs to the ADC
ADCIN05
19
26
ADCIN06
18
25
ADCIN07
15
22
VCCA
14
21
–
–
Analog supply voltage for ADC (5 V). VCCA must be isolated from digital
supply voltage.
VSSA
13
20
–
–
Analog ground reference for ADC
VREFHI
16
23
–
–
ADC analog high-voltage reference input
VREFLO
17
24
–
–
ADC analog low-voltage reference input
EVENT MANAGER
T1CMP/T1PWM/
IOPB4
12
19
I/O/Z
Timer 1 compare output/general-purpose bidirectional digital I/O (GPIO).
T2CMP/T2PWM/
IOPB5
11
18
I/O/Z
Timer 2 compare output/GPIO
TDIR/
IOPB6
56
67
I/O
Counting direction for GP timer/GPIO. If TDIR=1, upward counting is
selected. If TDIR=0, downward counting is selected.
TCLKIN/
IOPB7
57
68
I/O
External clock input for GP timer/GPIO. Note that timer can also use the
internal device clock.
CAP1/QEP0/
IOPA3
8
15
I/O
Capture input #1/quadrature encoder pulse input #0/GPIO
CAP2/QEP1/
IOPA4
7
14
I/O
I
Capture input #2/quadrature encoder pulse input #1/GPIO
CAP3/
IOPA5
6
13
I/O
I
Capture input #3/GPIO
PWM1/
IOPA6
64
7
I/O/Z
Compare/PWM output pin #1 or GPIO
PWM2/
IOPA7
63
6
I/O/Z
Compare/PWM output pin #2 or GPIO
PWM3/
IOPB0
62
5
I/O/Z
Compare/PWM output pin #3 or GPIO
PWM4/
IOPB1
61
4
I/O/Z
Compare/PWM output pin #4 or GPIO
PWM5/
IOPB2
60
3
I/O/Z
Compare/PWM output pin #5 or GPIO
PWM6/IOPB3
59
2
I/O/Z
Compare/PWM output pin #6 or GPIO
PDPINT§
58
1
I
I
Power drive protection interrupt input. This interrupt, when activated, puts
the PWM output pins in the high-impedance state, should motor
drive/power converter abnormalities, such as overvoltage or overcurrent,
etc., arise. PDPINT is a falling-edge-sensitive interrupt. After the falling
edge, this pin must be held low for two clock cycles for the core to
recognize the interrupt.
† I = input, O = output, Z = high impedance
‡ The reset state indicates the state of the pin at reset. If the pin is an input, indicated by an I, its state is determined by user design. If the pin is
an output, its level at reset is indicated.
§ In silicon revisions 2.0-TMX and 2.1-TMS, this pin is level-sensitive and can cause multiple interrupts when held low.
NOTE:
Bold, italicized pin names indicate pin function after reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com