Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WS7.5-10000-R1K-L05 Datasheet(PDF) 17 Page - ASM GmbH

Part # WS7.5-10000-R1K-L05
Description  analog or SSI output
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASM-SENSOR [ASM GmbH]
Direct Link  http://www.asm-sensor.com
Logo ASM-SENSOR - ASM GmbH

WS7.5-10000-R1K-L05 Datasheet(HTML) 17 Page - ASM GmbH

Back Button WS7.5-10000-R1K-L05 Datasheet HTML 9Page - ASM GmbH WS7.5-10000-R1K-L05 Datasheet HTML 10Page - ASM GmbH WS7.5-10000-R1K-L05 Datasheet HTML 11Page - ASM GmbH WS7.5-10000-R1K-L05 Datasheet HTML 12Page - ASM GmbH WS7.5-10000-R1K-L05 Datasheet HTML 13Page - ASM GmbH WS7.5-10000-R1K-L05 Datasheet HTML 14Page - ASM GmbH WS7.5-10000-R1K-L05 Datasheet HTML 15Page - ASM GmbH WS7.5-10000-R1K-L05 Datasheet HTML 16Page - ASM GmbH WS7.5-10000-R1K-L05 Datasheet HTML 17Page - ASM GmbH  
Zoom Inzoom in Zoom Outzoom out
 17 / 17 page
background image
ASM
CAT-WS-E-05
71
www.asm-sensor.com
Interface
HCAN/HCANOP
Absolute Encoder
CANopen/CAN Layer 2
Excitation voltage
10 … 30 V DC
Excitation current
250 mA
Interface
CAN highspeed according ISO/DIS 11898
Protocol
CANopen according to DS301 with encoder profile
DSP 406, programmable encoder according to
class 2
Resolution
12 (10 … 14) + 12 bit
Programmable
CANopen: direction, resolution, preset, offset;
CAN L2: direction, limit values
Output code
Binary
Data refresh
Every millsecond (adjustable), on request
Baud rate
Selectable 10 to 1000 kBaud
Base identifier
Selectable via DIP switches
Integrated special functions
CANopen: speed, acceleration, limit values
CAN L2: direction, limit values
Connection
Bus cover with T-manifold
EMC
EN 50081-2, EN50082-2
Signal wiring /
connection
Signal names
Cable terminal no. (bus cover)
UB in
1
0V in
2
CAN in – (dominant L)
3
CAN in + (dominant H)
4
CAN GND in
5
CAN GND out
6
CAN out + (dominant H)
7
CAN out - (dominant L)
8
0V out
9
UB out
10
Output Specification for
absolute encoders with CAN interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com