Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WS7.5-10000-R1K-L05 Datasheet(PDF) 15 Page - ASM GmbH

Part # WS7.5-10000-R1K-L05
Description  analog or SSI output
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASM-SENSOR [ASM GmbH]
Direct Link  http://www.asm-sensor.com
Logo ASM-SENSOR - ASM GmbH

WS7.5-10000-R1K-L05 Datasheet(HTML) 15 Page - ASM GmbH

Back Button WS7.5-10000-R1K-L05 Datasheet HTML 9Page - ASM GmbH WS7.5-10000-R1K-L05 Datasheet HTML 10Page - ASM GmbH WS7.5-10000-R1K-L05 Datasheet HTML 11Page - ASM GmbH WS7.5-10000-R1K-L05 Datasheet HTML 12Page - ASM GmbH WS7.5-10000-R1K-L05 Datasheet HTML 13Page - ASM GmbH WS7.5-10000-R1K-L05 Datasheet HTML 14Page - ASM GmbH WS7.5-10000-R1K-L05 Datasheet HTML 15Page - ASM GmbH WS7.5-10000-R1K-L05 Datasheet HTML 16Page - ASM GmbH WS7.5-10000-R1K-L05 Datasheet HTML 17Page - ASM GmbH  
Zoom Inzoom in Zoom Outzoom out
 15 / 17 page
background image
ASM
CAT-WS-E-05
69
www.asm-sensor.com
Interface HINT
Absolute Encoder
Interbus
Excitation voltage
10 … 30 V
Excitation current
250 mA
Interface
Interbus, ENCOM Profile K3 (progrmmable), K2
Output code
Binary 32 bit
Baud rate
500 kBaud
Data refresh
Every 600 µs
Resolution
12 (10 … 12) + 12 bit
Programmability
Direction, preset, offset, resolution
Connection
Bus cover with T-manifold
EMC
EN 50081-2, 50082-2
Data format
Interbus K2
Differential signals (RS485)
ENCOM profile K3, K2, 32 bit,
binary process data
DT format
Sµpi address 0123
(according to the Phoenix company)
Byte no.
3210
ID code K2
36 H (= 54 dec.)
ID code K3
37 H (= 55 dec.)
Signal wiring /
connection
Signal names
Cable terminal no. (bus cover)
UB +
1
GND
2
DI1
3
DI1
4
DO1
5
DO1
6
DO2
7
DO2
8
DI2
9
DI2
10
RBST
11
GND
12
Output Specification for
absolute encoders with Interbus interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com