Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WS7.5-10000-R1K-L05 Datasheet(PDF) 14 Page - ASM GmbH

Part # WS7.5-10000-R1K-L05
Description  analog or SSI output
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASM-SENSOR [ASM GmbH]
Direct Link  http://www.asm-sensor.com
Logo ASM-SENSOR - ASM GmbH

WS7.5-10000-R1K-L05 Datasheet(HTML) 14 Page - ASM GmbH

Back Button WS7.5-10000-R1K-L05 Datasheet HTML 9Page - ASM GmbH WS7.5-10000-R1K-L05 Datasheet HTML 10Page - ASM GmbH WS7.5-10000-R1K-L05 Datasheet HTML 11Page - ASM GmbH WS7.5-10000-R1K-L05 Datasheet HTML 12Page - ASM GmbH WS7.5-10000-R1K-L05 Datasheet HTML 13Page - ASM GmbH WS7.5-10000-R1K-L05 Datasheet HTML 14Page - ASM GmbH WS7.5-10000-R1K-L05 Datasheet HTML 15Page - ASM GmbH WS7.5-10000-R1K-L05 Datasheet HTML 16Page - ASM GmbH WS7.5-10000-R1K-L05 Datasheet HTML 17Page - ASM GmbH  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
68
CAT-WS-E-05
ASM
www.asm-sensor.com
Interface HPAR
Absolute Encoder
Parallel
Excitation voltage
10 ... 30 V DC
Excitation current
300 mA
Interface
Parallel
Output code
Binary, Gray, Gray Excess
Resolution
12 bit + 12 bit
Output current
30 mA per bit short circuit protected
Alarm output
NPN open collector 5 mA max.
Control inputs
Latch, Direction, Tristate
Connection
Cable 0.1 m with SUB-D 37 pin connector
Control inputs
Input name
Level (physical)
Function
Direction
1 (+UB or open input)
0(0V)
CW increasing code values
CW decreasing code values
Latch
1 (+UB or open input)
0(0V)
Encoder data free running
Encoder data stored (data hold)
Tristate
1 (+UB)
0 (0 V or open input)
Outputs in tristate condition
Outputs active
Switching delay 10 µs typ. for push-pull operation, for open collector signals an external pull-down
resistor (1 k
W) is necessary.
Signal Wiring /
Connection
Signal names
Color
Connector SUB-D 37 pin
S0
brown
2
S1
green
21
S2
yellow
3
S3
grey
22
S4
pink
4
S5
violet
23
S6
Singleturn bits
grey/pink
5
S7
red/blue
24
S8
white/green
6
S9
brown/green
25
S10
white/yellow
7
S11
yellow/brown
26
M0
white/grey
8
M1
grey/brown
27
M2
white/pink
9
M3
pink/brown
28
M4
white/blue
14
M5
brown/blue
33
M6
Multiturn bits
white/red
15
M7
brown/red
34
M8
white/black
16
M9
brown/black
35
M10
grey/green
17
M11
yellow/grey
36
Alarm
pink/green
18
Direction
yellow/pink
10
Latch
green/blue
30
Tristate
yellow/blue
12
10...30 V DC
red (0.5 mm2)
13
10...30 V DC
white (0.5 mm2)
31
0 V
blue (0.5 mm2)
1
0 V
black (0.5 mm2)
20
Connection
Mating Connector
View to encoder
connector
CONN-SUBD-37F
Output Specification for
absolute encoders with Parallel interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com