| Electronic Components Datasheet Search |
|
TMS320VC5504 Datasheet(PDF) 29 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TMS320VC5504 Datasheet(HTML) 29 Page - Texas Instruments |
|
29 / 128 page ![]() TMS320VC5504 Fixed-Point Digital Signal Processor www.ti.com SPRS609A – JUNE 2009 – REVISED JULY 2009 Table 3-11. Serial Peripheral Interface (SPI) Terminal Functions SIGNAL TYPE(1) OTHER(2)(3) DESCRIPTION NAME NO. Serial Port Interface (SPI) SPI_CS0 P4 I/O/Z DVDDIO For SPI, this pin is SPI chip select SPI_CS0. This pin is multiplexed between I2S2, GPIO, and SPI. I2S2_FS/ IPD Mux control via the PPMODE bits in the EBSR. GP[19]/ P11 I/O/Z DVDDIO For SPI, this pin is SPI chip select SPI_CS0. SPI_CS0 The IPD resistor on this pin can be enabled or disabled via the PDINHIBR3 register. SPI_CS1 N4 I/O/Z DVDDIO For SPI, this pin is SPI chip select SPI_CS1. SPI_CS2 P5 I/O/Z DVDDIO For SPI, this pin is SPI chip select SPI_CS2. SPI_CS3 N5 I/O/Z DVDDIO For SPI, this pin is SPI chip select SPI_CS3. SPI_CLK N3 O/Z DVDDIO For SPI, this pin is clock output SPI_CLK. This pin is multiplexed between I2S2, GPIO, and SPI. I2S2_CLK/ IPD Mux control via the PPMODE bits in the EBSR. GP[18]/ N10 DVDDIO For SPI, this pin is clock output SPI_CLK. SPI_CLK The IPD resistor on this pin can be enabled or disabled via the PDINHIBR3 register. SPI_TX N6 I/O/Z DVDDIO For SPI, this pin is SPI transmit data output. This pin is multiplexed between I2S2, GPIO, and SPI. I2S2_DX/ IPD Mux control via the PPMODE bits in the EBSR. GP[27]/ P12 I/O/Z DVDDIO For SPI, this pin is SPI transmit data output. SPI_TX The IPD resistor on this pin can be enabled or disabled via the PDINHIBR3 register. SPI_RX P6 I/O/Z DVDDIO For SPI this pin is SPI receive data input. This pin is multiplexed between I2S2, GPIO, and SPI. I2S2_RX/ IPD Mux control via the PPMODE bits in the EBSR. GP[20]/ N11 I/O/Z DVDDIO For SPI this pin is SPI receive data input. SPI_RX The IPD resistor on this pin can be enabled or disabled via the PDINHIBR3 register. (1) I = Input, O = Output, Z = High impedance, S = Supply voltage, GND = Ground, A = Analog signal (2) IPD = Internal pulldown, IPU = Internal pullup. For more detailed information on pullup/pulldown resistors and situations where external pullup/pulldown resistors are required, see Section 4.8.1, Pullup/Pulldown Resistors. (3) Specifies the operating I/O supply voltage for each signal Submit Documentation Feedback Device Overview 29 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |