Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

XC9129D45CSR Datasheet(PDF) 1 Page - Torex Semiconductor

Part # XC9129D45CSR
Description  1A Driver Transistor Built-In, Step-Up DC/DC Converters
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC9129D45CSR Datasheet(HTML) 1 Page - Torex Semiconductor

  XC9129D45CSR Datasheet HTML 1Page - Torex Semiconductor XC9129D45CSR Datasheet HTML 2Page - Torex Semiconductor XC9129D45CSR Datasheet HTML 3Page - Torex Semiconductor XC9129D45CSR Datasheet HTML 4Page - Torex Semiconductor XC9129D45CSR Datasheet HTML 5Page - Torex Semiconductor XC9129D45CSR Datasheet HTML 6Page - Torex Semiconductor XC9129D45CSR Datasheet HTML 7Page - Torex Semiconductor XC9129D45CSR Datasheet HTML 8Page - Torex Semiconductor XC9129D45CSR Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
1/13
XC9128/XC9129 Series
1A Driver Transistor Built-In, Step-Up DC/DC Converters
0
20
40
60
80
100
0.1
1
10
100
1000
Output Current : IOUT (mA)
PWM(MODE:H)
PWM/PFM(MODE:L)
VIN=1.8V
3.7V
■
GENERAL DESCRIPTION
T
he XC9128/XC9129 series are synchronous step-up DC/DC converters with a 0.2
Ω (TYP.) N-channel driver transistor and a
synchronous 0.2
Ω (TYP.) P-channel switching transistor built-in. A highly efficient and stable current can be supplied up to
1.0A by reducing ON resistance of the built-in transistors. With a high switching frequency of 1.2MHz, a small inductor is
selectable making the series ideally suited for applications requiring low profile or space saving solutions. With the MODE
pin, the series provides mode selection of PWM control or PFM/PWM automatic switching control. In the PWM/PFM
automatic switching mode, the series switches from PWM to PFM to reduce switching loss when load current is small.
When load current is large, the series switches automatically to the PWM mode so that high efficiency is achievable over a
wide range of load conditions. The series also provides small output ripple from light to large loads by using the built-in
circuit which enables the smooth transition between PWM and PFM. With a adaptor enable function of the XC9128 series,
when a voltage higher than the input voltage is applied to the output, the input and the output become isolated making it
possible for the IC to work in parallel with the likes of an AC adaptor.
■
APPLICATIONS
●
Digital audio equipment
●
Digital cameras, Video equipment
●
Computer Mice
●
Various multi-function power supplies using alkali cells (1
to 3 cells), nickel hydride batteries, or single lithium cells
■
TYPICAL APPLICATION CIRCUIT
■
TYPICAL PERFORMANCE
CHARACTERISTICS
●
Efficiency vs. Output Current
ETR0411-006
XC9128B45CDx
VOUT=5.0V, fOSC=1.2MHz
L=4.7μH (CDRH4D28C), CIN=10μF, CL=32μF
■
FEATURES
High Efficiency, Large Current Step-Up Converter
Output Current
: 150mA@VOUT=3.3V, VIN=0.9V
500mA@VOUT=3.3V, VIN=1.8V
Input Voltage Range
: 0.8V~6.0V
Output Voltage Setting
Range
: 1.8V~5.3V (Externally set)
Set up freely with a reference voltage
supply of 0.45V (±0.010V) & external
components
Oscillation Frequency
: 1.2MHz (Fixed oscillation frequency
accuracy ±15%)
Input Current
: 1.0A
Maximum Current Limit
: 1.2A (MIN.), 2.0A (MAX.)
Control
: PWM, PWM/PFM control
externally selectable
High Speed
Transient Response
:100mV @ VOUT=3.3V,
VIN=1.8V, IOUT=10mA→100mA
Protection Circuits
: Thermal shutdown
: Integral latch method (Over current
limit)
Soft-Start Time
: 5ms (TYP.) internally set
Ceramic Capacitor Compatible
Adaptor Enable Function (XC9128 series)
Packages
: MSOP-10, USP-10B, SOP-8
Flag Output (XC9128 series)
: Open-drain output
Output Current: IOUT (mA)
Lx
VOUT
BAT
FB
FO
AEN/
MODE
PGND
EN
AGND
L
RFB1
RFB2
CL
1
3
5
2
4
10
8
6
9
7
CIN
CFB
MODE
EN
VIN
(ceramic)
VOUT
FO


Similar Part No. - XC9129D45CSR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC9129 TOREX-XC9129 Datasheet
325Kb / 14P
1A Driver Transistor Built-In, Step-Up DC/DC Converters
More results

Similar Description - XC9129D45CSR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC9223 TOREX-XC9223 Datasheet
380Kb / 25P
1A Driver Transistor Built-In Step-Down DC/DC Converters
XC9223 TOREX-XC9223_04 Datasheet
208Kb / 7P
1A Driver Transistor Built-In Step-Down DC/DC Converters
XC9128 TOREX-XC9128 Datasheet
325Kb / 14P
1A Driver Transistor Built-In, Step-Up DC/DC Converters
XC9246 TOREX-XC9246 Datasheet
1Mb / 31P
16V Driver Transistor Built-In Step-Down DC/DC Converters
XC9250 TOREX-XC9250 Datasheet
985Kb / 28P
30V Driver Transistor Built-In Step-Down DC/DC Converters
XC9131 TOREX-XC9131 Datasheet
774Kb / 28P
1A Driver Transistor Built-In, Multi Functional Step-Up DC/DC Converters
XC9135 TOREX-XC9135 Datasheet
693Kb / 35P
1A Driver Transistor Built-In, Multi Functional Step-Up DC/DC Converters
XC9270 TOREX-XC9270 Datasheet
1Mb / 27P
30V Driver Transistor Built-In Step-Down DC/DC Converters
logo
Linear Technology
LT1930A LINER-LT1930A_15 Datasheet
202Kb / 12P
1A, 1.2MHz/2.2MHz, Step-Up DC/DC Converters in ThinSOT
logo
Torex Semiconductor
XCL105 TOREX-XCL105 Datasheet
2Mb / 41P
1.4A, Inductor Built-in Step-up DC/DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com