Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

XC9129D45CSR Datasheet(PDF) 5 Page - Torex Semiconductor

Part # XC9129D45CSR
Description  1A Driver Transistor Built-In, Step-Up DC/DC Converters
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC9129D45CSR Datasheet(HTML) 5 Page - Torex Semiconductor

  XC9129D45CSR Datasheet HTML 1Page - Torex Semiconductor XC9129D45CSR Datasheet HTML 2Page - Torex Semiconductor XC9129D45CSR Datasheet HTML 3Page - Torex Semiconductor XC9129D45CSR Datasheet HTML 4Page - Torex Semiconductor XC9129D45CSR Datasheet HTML 5Page - Torex Semiconductor XC9129D45CSR Datasheet HTML 6Page - Torex Semiconductor XC9129D45CSR Datasheet HTML 7Page - Torex Semiconductor XC9129D45CSR Datasheet HTML 8Page - Torex Semiconductor XC9129D45CSR Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
5/13
XC9128/XC9129
Series
XC9128/XC9129 Series
Topr=25
oC
PARAMETER
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNITS
CIRCUIT
Input Voltage
VIN
-
-
-
6.0
V
-
FB Voltage
VFB
VOUT=VIN=3.3V, VFO=0V
(*8)
Voltage to start oscillation during
VFB= 0.46V → 0.44V
0.44
0.45
0.46
V
④
Output Voltage Setting Range
VOUTSET
-
1.8
-
5.3
V
①
Connect to external components,
RL=1kΩ
-
-
0.8
V
①
Operation Start Voltage
VST1
Connect to external components,
RL=33Ω
-
-
0.9
(*1)
V
①
Oscillation Start Voltage
VST2
Voltage to start oscillation during
VIN=0V → 1V, RL=1kΩ
-
0.8
-
V
①
Operation Hold Voltage
VHLD
Connect to external components, RL=1kΩ
-
0.7
-
V
①
Supply Current 1
IDD1
VIN = VOUT =3.3V, VFB=0.45×0.9
-
3
6
mA
②
Supply Current 2 (XC9128)
-
30
80
Supply Current 2 (XC9129)
IDD2
VIN = VOUT =3.3V
VFB=0.45×1.1 (Oscillation stop),
VMODE=0V
-
28
78
μ
A
②
Input Pin Current
IBAT
VIN =3.3V, VOUT =1.8V, VEN=0V
-
2
10
μ
A
③
Stand-by Current
ISTB
VIN = VOUT =3.3V, VEN=0V
-
2
10
μ
A
②
Oscillation Frequency
fOSC
VIN = VOUT =3.3V, VFO=0V
(*8),
VFB=0.45×0.9
1.02
1.20
1.38
MHz
④
Maximum Duty Cycle
DMAX
VIN = VOUT =3.3V, VFO=0V
(*8),
VFB=0.45×0.9
85
92
96
%
④
Minimum Duty Cycle
DMIN
VIN = VOUT =3.3V, VFO=0V
(*8),
VFB=0.45×1.1
-
-
0
%
④
PFM Switching Current
IPFM
Connect to external components,
VMODE=0V, RL=330Ω
-
250
400
mA
①
Efficiency
(*2)
EFFI
Connect to external components,
RL=33Ω
-
93
-
%
①
LX SW "Pch" ON Resistance
RLxP
VIN=VLx=VOUT+50mV,
VFB=0.45×1.1
(*3)
-
0.20
0.35
(*1)
Ω
⑤
LX SW "Nch" ON Resistance
RLxN
VIN=VOUT=3.3V, Lx =50mV
(*4)
-
0.20
(*1)
0.35
(*1)
Ω
⑦
LX Leak Current
ILXL
VIN=VOUT= VLX, VFB=0V
-
1
-
μ
A
⑤
Current Limit
(*5)
ILIM
VOUT>2.5V
1.2
1.5
2.0
A
①
Integral Latch Time (XC9128)
(*6)
Time to stop oscillation during
RL=33Ω → 3.3Ω, VFO=L → H
Integral Latch Time (XC9129)
(*6)
tLAT
Time to stop oscillation during
RL=33Ω → 3.3Ω
-
3.5
-
ms
①
Soft-Start Time 1
tSS1
Time to start oscillation during VEN=0V
→ VIN at VIN = VOUT =3.3V, VFO=0V,
VFB=0.45×0.95
1.7
5.3
10.5
ms
④
Soft-Start Time 2
(*7)
tSS2
VIN = VOUT =3.3V, VFO=0V,
VFB=0.45×0.95
Time to start oscillation during
VAEN/=VIN→0V.
-
0.02
0.04
ms
④
Soft-Start Time 3
(*7)
tSS3
VIN = VOUT =3.3V, VFO=0V,
VFB=0.45×0.8
Time to start oscillation during
VAEN/=VIN→0V
1.7
5.3
10.5
ms
④
Thermal Shutdown
Temperature
TTSD
-
-
150
-
oC
-
Hysteresis Width
THYS
-
-
20
-
oC
-
Output Voltage Drop
Protection
(*6)
VLVP
VIN =3.3V
Voltage to stop oscillation during
VOUT=1.56V→1.3V
1.3
1.48
1.56
V
⑥
FO Output Current
(*7)
IFO_OUT
VIN =VOUT=3.3V, VFO=0.25V
1.3
1.7
2.2
mA
④
FO Leakage Current
(*7)
IFO_Leak
VIN = VOUT =3.3V, VEN=0V ,VFO=1V
-
0
1
μ
A
④
■
ELECTRICAL CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com