Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

XC9129D45CSR Datasheet(PDF) 2 Page - Torex Semiconductor

Part # XC9129D45CSR
Description  1A Driver Transistor Built-In, Step-Up DC/DC Converters
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC9129D45CSR Datasheet(HTML) 2 Page - Torex Semiconductor

  XC9129D45CSR Datasheet HTML 1Page - Torex Semiconductor XC9129D45CSR Datasheet HTML 2Page - Torex Semiconductor XC9129D45CSR Datasheet HTML 3Page - Torex Semiconductor XC9129D45CSR Datasheet HTML 4Page - Torex Semiconductor XC9129D45CSR Datasheet HTML 5Page - Torex Semiconductor XC9129D45CSR Datasheet HTML 6Page - Torex Semiconductor XC9129D45CSR Datasheet HTML 7Page - Torex Semiconductor XC9129D45CSR Datasheet HTML 8Page - Torex Semiconductor XC9129D45CSR Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
2/13
XC9128/XC9129 Series
PIN NUMBER
MSOP-10*
USP-10B*
(XC9128)
USP-10B*
(XC9129)
SOP-8 **
PIN NAME
FUNCTION
1
1
1
1
PGND
Power Ground
2
2
2
2
Lx
Output of Internal Power Switch
3
3
3
3
BAT
Battery Input
4
4
4
4
EN
Chip Enable
5
5
-
-
FO
Flag Output
6
6
-
-
AEN/
Adaptor Enable
7
7
7
5
AGND
Analog Ground
8
8
8
6
FB
Output Voltage Monitor
9
9
9
7
MODE
Mode Switch
10
10
10
8
VOUT
Output Voltage
-
-
5, 6
-
NC
No Connection
■
PIN CONFIGURATION
■
PIN ASSIGNMENT
* For MSOP-10 and USP-10B packages, please short the GND pins (pins 1 and 7).
*The dissipation pad for the USP-10B package should be solder-plated following the recommended mount pattern and metal masking
so as to enhance mounting strength and heat release. If the pad needs to be connected to other pins, it should be connected to the
Ground pins (pins 1 and 7).
** For SOP-8 package, please short the GND pins (pins 1 and 5).
PGND 1
Lx 2
BAT 3
EN 4
FO 5
10 VOUT
9 MODE
8 FB
7 AGND
6 AEN/
FO 5
EN 4
BAT 3
Lx 2
PGND 1
6 AEN/
7 AGND
8 FB
9 MODE
10 VOUT
PGND 1
Lx 2
BAT 3
EN 4
5 AGND
6 FB
7 MODE
8 VOUT
MSOP-10
(TOP VIEW)
USP-10B
(BOTTOM VIEW)
XC9128 Series
SOP-8
(TOP VIEW)
Under Development
NC 5
EN 4
BAT 3
Lx 2
PGND 1
6 NC
7 AGND
8 FB
9 MODE
10 VOUT
USP-10B
(BOTTOM VIEW)
XC9129 Series



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com