Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CY8CLED04D01 Datasheet(PDF) 6 Page - Cypress Semiconductor

Part # CY8CLED04D01
Description  PowerPSoC Intelligent LED Driver
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8CLED04D01 Datasheet(HTML) 6 Page - Cypress Semiconductor

Back Button CY8CLED04D01 Datasheet HTML 2Page - Cypress Semiconductor CY8CLED04D01 Datasheet HTML 3Page - Cypress Semiconductor CY8CLED04D01 Datasheet HTML 4Page - Cypress Semiconductor CY8CLED04D01 Datasheet HTML 5Page - Cypress Semiconductor CY8CLED04D01 Datasheet HTML 6Page - Cypress Semiconductor CY8CLED04D01 Datasheet HTML 7Page - Cypress Semiconductor CY8CLED04D01 Datasheet HTML 8Page - Cypress Semiconductor CY8CLED04D01 Datasheet HTML 9Page - Cypress Semiconductor CY8CLED04D01 Datasheet HTML 10Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 52 page
background image
CY8CLED04D01, CY8CLED04D02
CY8CLED04G01, CY8CLED03D01
CY8CLED03D02, CY8CLED03G01
CY8CLED02D01, CY8CLED01D01
Document Number: 001-46319 Rev. *G
Page 6 of 52
Figure 2-5. CY8CLED02D01 Logic Block Diagram
2 Channel PWM/
PrISM/DMM
From Analog Mux
Auxiliary
Power
Regulator
DAC0
CSP0
SW0
GD 0
Hysteretic Mode
Controller 0
PGND0
CSN0
DAC1
CSA0
DAC2
CSP1
SW1
GD 1
Hysteretic Mode
Controller 1
PGND1
CSN1
DAC3
CSA1
FN0{0,1,2,3}
6
SREGSW
SREGHVIN
Gate Drive 0
Gate Drive 1
External
Gate Drive 0
External
Gate Drive 1
Digital Mux
Analog Mux
DIGITAL SYSTEM
SRAM
1K
Interrupt
Controller
Sleep and
Watchdog
Clock Sources
(Includes IMO and ILO)
Global Digital Interconnect
Global Analog Interconnect
PSoC CORE
CPU Core (M8C)
SROM
Flash 16K
Digital
Block
Array
Digital
Clocks
SYSTEM RESOURCES
ANALOG SYSTEM
Analog Ref.
Analog
Block Array
Internal
Voltage Ref.
POR and LVD
System Resets
2 MACs
Decimator Type
2
I2C
Analog
Input Muxing
4
4
PORT2{2}
PORT0{3,4,5,7}
PORT1{0,1,4,5,7}
AINX
SREGCSN
SREGCSP
SREGFB
SREGCOMP
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com