Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LTC6412CUFPBF Datasheet(PDF) 12 Page - Linear Technology

Part # LTC6412CUFPBF
Description  800MHz, 31dB Range Analog-Controlled VGA
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6412CUFPBF Datasheet(HTML) 12 Page - Linear Technology

Back Button LTC6412CUFPBF Datasheet HTML 8Page - Linear Technology LTC6412CUFPBF Datasheet HTML 9Page - Linear Technology LTC6412CUFPBF Datasheet HTML 10Page - Linear Technology LTC6412CUFPBF Datasheet HTML 11Page - Linear Technology LTC6412CUFPBF Datasheet HTML 12Page - Linear Technology LTC6412CUFPBF Datasheet HTML 13Page - Linear Technology LTC6412CUFPBF Datasheet HTML 14Page - Linear Technology LTC6412CUFPBF Datasheet HTML 15Page - Linear Technology LTC6412CUFPBF Datasheet HTML 16Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
LTC6412
12
6412f
PIN FUNCTIONS
GND (Pins 1, 8, 12, 15, 18, 20, 23): Ground. Pins are
connected to each other internally. For best RF performance,
all ground pins should be connected to the printed circuit
board ground plane.
+IN (Pin 2): Positive Signal Input Pin. Has an inter-
nally generated DC Bias. A 10nF DC blocking capacitor is
recommended.
–IN (Pin 3): Negative Signal Input Pin. Has an inter-
nally generated DC Bias. A 10nF DC blocking capacitor is
recommended.
VCM (Pins 4, 5): Input Common Mode Voltage Pins. Two
pins are tied together internally and serve as a virtual
ground for the differential inputs, +IN and –IN. Capaci-
tive decoupling to ground with 10nF close to the pins is
recommended to help terminate any residual common
mode input signal.
VCC (Pins 6, 13, 19, 24): Positive Power Supply. All
four pins must be tied to the same voltage, usually 3.3V.
Bypass each pin with 1000pF and 0.1μF capacitors close
to the pins.
DECL1 (Pin 7): Decoupling Pin. Serves to reduce internal
noise. Bypass to ground with a 0.1μF capacitor close to
the pin.
+VG(Pin9):PositiveGainControlPin.Inputsignalpinused
for positive mode gain control. Otherwise, pin is typically
connected to VREF for negative mode gain control. Pin is
internally pulled to ground with a 10k resistor. In positive
gain slope mode, the gain control slope is approximately
+32dB/V at 140MHz with a gain control range of 0.1V to
1.1V.
VREF (Pin 10): Internal Bias Voltage Pin. Typically tied to
–VG pin for positive gain control or tied to +VG for nega-
tive gain control. Determines the midpoint voltage of the
gain-vs-VG characteristic. Bypass to ground with 0.1μF
capacitor close to the pin. Not intended for use as an
external reference voltage.
–VG (Pin 11): Negative Gain Control Pin. Input signal pin
used for negative mode gain control. Otherwise, pin is
typically connected to VREF for positive mode gain con-
trol. Pin is internally pulled to ground with a 10k resistor.
In negative gain slope mode, the gain control slope is
approximately –32dB/V at 140MHz with a gain control
range of 0.1V to 1.1V.
DECL2 (Pin 14): Decoupling Pin. Serves to reduce internal
noise. Bypass to ground with a 1000pF capacitor close
to the pin.
–OUT (Pin 16): Negative Amplifier Output Pin. A trans-
former with a center tap tied to VCC or a choke inductor
is recommended to conduct DC quiescent current to the
open-collector output device. For best performance, DC
bias voltage to –OUT must be within 100mV of VCC.
+OUT (Pin 17): Positive Amplifier Output Pin. A trans-
former with a center tap tied to VCC or a choke inductor
is recommended to conduct DC quiescent current to the
open-collector output device. For best performance, DC
bias voltage to +OUT must be within 100mV of VCC.
EN (Pin 21): Output Signal Enable Pin. Pin is internally
pulled high with 100kΩ to VCC. Assert pin to a low volt-
age to enable the output amplifier signal. Output amplifier
impedance and DC current are not affected by the EN state.
Connect pin to ground if enable function is not used.
SHDN (Pin 22): Shutdown Pin. Pin is internally pulled high
with 100 kΩ to VCC. Assert pin to a low voltage to shut
down the circuit and greatly reduce the supply current.
Proper sequencing of the EN and SHDN pins is required
to avoid non-monotonic output signal behavior. See
Applications Information section for details. Connect pin
to VCC if shutdown function is not used.
Exposed Pad (Pin 25): Ground. The Exposed Pad should
have multiple via holes to an underlying ground plane for
low inductance and good thermal dissipation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com