Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LTC6412CUFPBF Datasheet(PDF) 20 Page - Linear Technology

Part # LTC6412CUFPBF
Description  800MHz, 31dB Range Analog-Controlled VGA
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6412CUFPBF Datasheet(HTML) 20 Page - Linear Technology

Back Button LTC6412CUFPBF Datasheet HTML 16Page - Linear Technology LTC6412CUFPBF Datasheet HTML 17Page - Linear Technology LTC6412CUFPBF Datasheet HTML 18Page - Linear Technology LTC6412CUFPBF Datasheet HTML 19Page - Linear Technology LTC6412CUFPBF Datasheet HTML 20Page - Linear Technology LTC6412CUFPBF Datasheet HTML 21Page - Linear Technology LTC6412CUFPBF Datasheet HTML 22Page - Linear Technology LTC6412CUFPBF Datasheet HTML 23Page - Linear Technology LTC6412CUFPBF Datasheet HTML 24Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
LTC6412
20
6412f
Figure 4. 4-Port Analysis Schematic. Test Circuit B
+IN
10nF
10nF
10nF
3.3V
1nF
0.1μF
+OUT
IDC
–OUT
6412 F04
0.1μF
0.1μF
0.1μF
GAIN CONTROL
(– SLOPE MODE)
INPUT REF
PLANE
OUTPUT REF
PLANE
LTC6412
–IN
PORT 3
50Ω
PORT 4
50Ω
1/2 AGILENT
E5071C
PORT 1
50Ω
PORT 2
50Ω
1/2 AGILENT
E5071C
IDC
200Ω
50Ω
12.5Ω
50Ω
DUT
1:1
IDEAL
TRANSFORMER WITH CENTER TAP
1:1
IDEAL
TRANSFORMER WITH CENTER TAP
DIFFERENTIAL
MODE
PORT 2
DIFFERENTIAL
MODE
PORT 1
COMMON
MODE
PORT 2
COMMON
MODE
PORT 1
+OUT
+IN
–OUT
–IN
6412 F05
Figure 5. Schematic of Mixed-Mode S-Parameters Reported for Test Circuit B
Figure 6. Definition of Mixed-Mode S-Parameters Reported for Test Circuit B
S xyAB
S xyAB =
STIMULUS PORT NUMBER
RESPONSE PORT NUMBER
STIMULUS PORT MODE
RESPONSE PORT MODE
d: DIFFERENTIAL MODE (BALANCED)
c: COMMON MODE (BALANCED)
x MODE SIGNAL OUTPUT ON PORT A
y MODE SIGNAL INPUT ON PORT B
MODE
6412 F06
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com