Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LTC6412CUFPBF Datasheet(PDF) 17 Page - Linear Technology

Part # LTC6412CUFPBF
Description  800MHz, 31dB Range Analog-Controlled VGA
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6412CUFPBF Datasheet(HTML) 17 Page - Linear Technology

Back Button LTC6412CUFPBF Datasheet HTML 13Page - Linear Technology LTC6412CUFPBF Datasheet HTML 14Page - Linear Technology LTC6412CUFPBF Datasheet HTML 15Page - Linear Technology LTC6412CUFPBF Datasheet HTML 16Page - Linear Technology LTC6412CUFPBF Datasheet HTML 17Page - Linear Technology LTC6412CUFPBF Datasheet HTML 18Page - Linear Technology LTC6412CUFPBF Datasheet HTML 19Page - Linear Technology LTC6412CUFPBF Datasheet HTML 20Page - Linear Technology LTC6412CUFPBF Datasheet HTML 21Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
LTC6412
17
6412f
Signal Compression Characteristics
The graph entitled, Input and Output P1dB, illustrates
an important characteristic of the LTC6412 VGA. At gain
settings above –5dB, the output amplifier limits the linear
power handling capability, but at gain settings below
–5dB, the input attenuator ladder limits the linear power
handling capability. The linear input power limitations at
minimum gain do not affect the overall performance of
a signal chain if the preceding mixer or amplifier stage
exhibits an OP1dB < 19dBm and an OIP3 < 50dBm.
Test Circuits
The fully-differential nature of the LTC6412 design requires
two test circuits to generate the performance information
presented in this data sheet.
Test Circuit A is DC1464A, a 2-port demonstration circuit
with input/output balun transformers to allow for direct
connection to a 2-port network analyzer or other single-
ended 50Ω test system. The balun transformers limit the
high and low frequency performance of the LTC6412 but
allow for simple and reasonably accurate measurements
from 70MHz to 380MHz. The gain control signal is supplied
to either of the VG turrets for DC control measurements
or through the VGAIN SMA connector for transient control
signal measurements. Clip leads to the gain control turrets
are susceptible to noise pickup and should be lowpass
filtered to avoid AM upconversion artifacts. While using
the ±VG turrets, a 4.7μF capacitor from the VGAIN SMA
input to ground provides an effective lowpass filter.
Typical data curves quoted for Test Circuit A are measured
at the plane of the SMA connectors and are NOT corrected
for any losses introduced by the input and output baluns,
estimated at approximately 0.5dB and 1.2dB, respectively.
All typical AC data reported in this data sheet correspond
to Test Circuit A, except for mixed-mode S-parameters of
the form Sdd21, Scc21, etc.
APPLICATIONS INFORMATION
Test Circuit B uses a 4-port network analyzer to measure
differential mode and common mode S-parameters
beyond the frequency limitations imposed by the balun
transformers and associated circuitry. A matching calibra-
tion set establishes the measurement reference planes
shown in Test Circuit B. The output plane is defined at
the edge of the package while the input plane is defined
at the edge of the input pair of 0402 capacitors. The IC
land and ground via pattern are identical to that shown
for Test Circuit A. The ground via pattern directly beneath
the package is critical to provide the proper RF ground to
produce the RF characteristics quoted in this data sheet.
All mixed-mode S-parameter typical data curves of the
form SxyAB correspond to Test Circuit B following the
definitions described in Figures 5 and 6.
Typical Application Circuits
Grounding and supply decoupling should closely follow the
suggested layout shown for Test Circuit A, but the input
and output networks can be customized to suit various
application requirements.
On the input side, the differential port impedance is very
close to 50Ω over all gain settings and application frequen-
cies. In a differential signal chain, the differential input signal
is easily supplied from a preceding differential output stage
with a suitable DC blocking capacitor of approximately
10nF. If the system employs a single-ended input signal
to the VGA, then a suitable balun is required to convert
to a differential input signal. The passive conversion from
50Ω single-ended to 50Ω differential is most effectively
accomplished with a 1:1 transmission-line balun such as
the ETC1-1-13 or MABA-007159. These 1:1 balun devices
are relatively inexpensive and offer excellent electrical
characteristics such as low loss, broad band response
and good phase matching.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com