Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPT7852 Datasheet(PDF) 8 Page - Cadeka Microcircuits LLC.

Part # SPT7852
Description  DUAL 10-BIT, 20 MSPS, 160 mW A/D CONVERTER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

SPT7852 Datasheet(HTML) 8 Page - Cadeka Microcircuits LLC.

Back Button SPT7852 Datasheet HTML 3Page - Cadeka Microcircuits LLC. SPT7852 Datasheet HTML 4Page - Cadeka Microcircuits LLC. SPT7852 Datasheet HTML 5Page - Cadeka Microcircuits LLC. SPT7852 Datasheet HTML 6Page - Cadeka Microcircuits LLC. SPT7852 Datasheet HTML 7Page - Cadeka Microcircuits LLC. SPT7852 Datasheet HTML 8Page - Cadeka Microcircuits LLC. SPT7852 Datasheet HTML 9Page - Cadeka Microcircuits LLC. SPT7852 Datasheet HTML 10Page - Cadeka Microcircuits LLC. SPT7852 Datasheet HTML 11Page - Cadeka Microcircuits LLC.  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
8
1/12/00
SPT7852
Figure 4 – Ladder Force/Sense Circuit
AGND
5
VRHF
1
VRHS
2
+
-
VRLS
3
VRLF
4
All capacitors are 0.01 µF
Figure 5 – Simplified Reference Ladder Drive Circuit
Without Force/Sense Circuit
R/2
R
R
R
R
R
R
R/2
R=30
Ω (typ)
All capacitors are 0.01 µF
VRLF (AGND)
0.0 V
VRLS
(0.150 V)
VRHS
(+3.85 V)
150 mV
150 mV
+4.0 V
External
Reference
VOLTAGE REFERENCE
The SPT7852 requires the use of a single external voltage
reference for driving the high side of the reference ladder. It
must be within the range of 3 V to 5 V. Both ADCs share the
same reference ladder. The lower side of the ladder is typi-
cally tied to AGND (0.0 V), but can be run up to 2.0 V with a
second reference. The analog input voltage range will track
the total voltage difference measured between the ladder
sense lines, VRHS and VRLS.
Force and sense taps are provided to ensure accurate and
stable setting of the upper and lower ladder sense line volt-
ages across part-to-part and temperature variations. By us-
ing the configuration shown in figure 4, offset and gain er-
rors of less than
±2 LSB can be obtained.
In cases where wider variations in offset and gain can be
tolerated, VRef can be tied directly to VRHF and AGND can
be tied directly to VRLF as shown in figure 5. Decouple force
and sense lines to AGND with a .01
µF capacitor (chip cap
preferred) to minimize high-frequency noise injection. If this
simplified configuration is used, the following considerations
should be taken into account:
The reference ladder circuit shown in figure 5 is a simplified
representation of the actual reference ladder with force and
sense taps shown. Typically, the top side voltage drop for
VRHF to VRHS will equal:
VRHF – VRHS = 3.75% of (VRHF – VRLF) (typical),
and the bottom side voltage drop for VRLS to VRLF will equal:
VRLS – VRLF = 3.75% of (VRHF – VRLF) (typical).
Figure 5 shows an example of expected voltage drops for a
specific case. VRef of 4.0 V is applied to VRHF and VRLF is
tied to AGND. A 150 mV drop is seen at VRHS (= 3.85 V) and
a 150 mV increase is seen at VRLS (= 0.150 V).
ANALOG INPUT
VINA and VINB are the analog inputs for channel A and chan-
nel B, respectively. Both channels share the same refer-
ence ladder. The input voltage range is from VRLS to VRHS
(typically 4.0 V) and will scale proportionally with respect to
the voltage reference. (See voltage reference section.)
The drive requirements for the analog inputs are very mini-
mal when compared to most other converters due to the
SPT7852’s extremely low input capacitance of only 5 pF
and very high input resistance of 50 k
Ω.
The analog input should be protected through a series resis-
tor and diode clamping circuit as shown in figure 6.
Figure 6 – Recommended Input Protection Circuit
47
Ω
D1
D2
ADC
Buffer
AVDD
+V
-V
D1 = D2 = Hewlett Packard HP5712 or equivalent



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com