Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AS8S512K32AP-15/SPACE Datasheet(PDF) 7 Page - Austin Semiconductor

Part # AS8S512K32AP-15/SPACE
Description  512K x 32 SRAM SRAM MEMORY ARRAY
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUSTIN [Austin Semiconductor]
Direct Link  http://www.austinsemiconductor.com
Logo AUSTIN - Austin Semiconductor

AS8S512K32AP-15/SPACE Datasheet(HTML) 7 Page - Austin Semiconductor

Back Button AS8S512K32AP-15/SPACE Datasheet HTML 3Page - Austin Semiconductor AS8S512K32AP-15/SPACE Datasheet HTML 4Page - Austin Semiconductor AS8S512K32AP-15/SPACE Datasheet HTML 5Page - Austin Semiconductor AS8S512K32AP-15/SPACE Datasheet HTML 6Page - Austin Semiconductor AS8S512K32AP-15/SPACE Datasheet HTML 7Page - Austin Semiconductor AS8S512K32AP-15/SPACE Datasheet HTML 8Page - Austin Semiconductor AS8S512K32AP-15/SPACE Datasheet HTML 9Page - Austin Semiconductor AS8S512K32AP-15/SPACE Datasheet HTML 10Page - Austin Semiconductor AS8S512K32AP-15/SPACE Datasheet HTML 11Page - Austin Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
SRAM
SRAM
SRAM
SRAM
SRAM
AS8S512K32
& AS8S512K32A
AS8S512K32 & AS8S512K32A
Rev. 6.0 6/05
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
7
Austin Semiconductor, Inc.
WRITE CYCLE NO. 2
(Write Enable Controlled)
WRITE CYCLE NO. 1
(Chip Select Controlled)
ADDRESS
t
WC
123456
123456
123456
123456
DATA VALID
t
AW
t
AS
t
WP21
t
CW
CS\
WE\
DATA I/O
t
DH
t
DS
12345678
12345678
12345678
12345678
123456789012
123456789012
123456789012
123456789012
12345
12345
12345
12345
123456
123456
123456
123456
t
AH
ADDRESS
t
WC
12345678
12345678
12345678
12345678
12345678
1234
1234
1234
1234
1234
12345
12345
12345
12345
12345
123456789012
123456789012
123456789012
123456789012
123456789012
12345
12345
12345
12345
12345
1234567
1234567
1234567
1234567
1234567
123456
123456
123456
123456
1234
1234
1234
12345678901234
12345678901234
12345678901234
1
1
1
1
1
1
DATA VALID
t
AW
t
CW
t
AS
t
AH
t
LZWE
t
WP11
t
HZWE
CS\
WE\
DATA I/O
1234
1234
1234
1234
1234
1234
1234
1234
1234
1234
1234
t
DH
t
DS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com