Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AS8S512K32AP-15/SPACE Datasheet(PDF) 3 Page - Austin Semiconductor

Part # AS8S512K32AP-15/SPACE
Description  512K x 32 SRAM SRAM MEMORY ARRAY
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUSTIN [Austin Semiconductor]
Direct Link  http://www.austinsemiconductor.com
Logo AUSTIN - Austin Semiconductor

AS8S512K32AP-15/SPACE Datasheet(HTML) 3 Page - Austin Semiconductor

  AS8S512K32AP-15/SPACE Datasheet HTML 1Page - Austin Semiconductor AS8S512K32AP-15/SPACE Datasheet HTML 2Page - Austin Semiconductor AS8S512K32AP-15/SPACE Datasheet HTML 3Page - Austin Semiconductor AS8S512K32AP-15/SPACE Datasheet HTML 4Page - Austin Semiconductor AS8S512K32AP-15/SPACE Datasheet HTML 5Page - Austin Semiconductor AS8S512K32AP-15/SPACE Datasheet HTML 6Page - Austin Semiconductor AS8S512K32AP-15/SPACE Datasheet HTML 7Page - Austin Semiconductor AS8S512K32AP-15/SPACE Datasheet HTML 8Page - Austin Semiconductor AS8S512K32AP-15/SPACE Datasheet HTML 9Page - Austin Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
SRAM
SRAM
SRAM
SRAM
SRAM
AS8S512K32
& AS8S512K32A
AS8S512K32 & AS8S512K32A
Rev. 6.0 6/05
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
3
Austin Semiconductor, Inc.
ABSOLUTE MAXIMUM RATINGS*
Voltage of Vcc Supply Relative to Vss......................-.5V to +7V
Storage Temperature............................................-65°C to +150°C
Short Circuit Output Current(per I/O).................................20mA
Voltage on Any Pin Relative to Vss....................-.5V to Vcc+1V
Maximum Junction Temperature**...................................+150°C
*Stresses greater than those listed under “Absolute Maximum
Ratings” may cause permanent damage to the device.
This is a stress rating only and functional operation on the
device at these or any other conditions above those indicated
in the operational sections of this specification is not implied.
Exposure to absolute maximum rating conditions for extended
periods may affect reliability.
**Junction temperature depends upon package type, cycle time,
loading, ambient temperature and airflow. See the Application
Information section at the end of this datasheet for more infor-
mation.
DESCRIPTION
SYMBOL -12
-15
-17
-20
-25
-35
-45
-55 UNITS NOTES
Power Supply
Current: Operating
Icc
250
200
700
650
600
570
570
550
mA
3,13
Power Supply
Current: Standby
ISBT1
80
80
240
240
190
190
150
150
mA
3, 13
CMOS Standby
ISBT2
80
80
80
80
80
80
80
80
mA
VIN = VCC - 0.2V, or
VSS +0.2V
VCC=Max; f = 0Hz
MAX
CONDITIONS
CS\<VIL; VCC = MAX
f = MAX = 1/ tRC (MIN)
Outputs Open
CS\>VIH; VCC = MAX
f = MAX = 1/ tRC (MIN)
Outputs Open
ELECTRICAL CHARACTERISTICS AND RECOMMENDED DC OPERATING CONDITIONS
(-55oC < T
A < 125
oC and -40oC to +85oC; Vcc = 5V +10%)
DESCRIPTION
CONDITIONS
SYMBOL
MIN
MAX
UNITS
NOTES
Input High (logic 1) Voltage
VIH
2.2
VCC+.5
V1
Input Low (logic 1) Voltage
VIL
-0.5
0.8
V
1,2
Input Leakage Current ADD,OE
ILI1
-10
10
µA
Input Leakage Current WE, CE
ILI2
-10
10
µA
Output(s) Disabled
0V<VOUT<VCC
Output High Voltage
IOH = 4.0mA
VOH
2.4
V
1
Output Low Voltage
IOL = 8.0mA
VOL
0.4
V
1
Supply Voltage
VCC
4.5
5.5
V
1
0V<VIN<VCC
Output Leakage Current I/O
ILO
µA
10
-10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com