Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32W108HB Datasheet(PDF) 115 Page - STMicroelectronics

Part # STM32W108HB
Description  High-performance, IEEE 802.15.4 wireless system-on-chip
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32W108HB Datasheet(HTML) 115 Page - STMicroelectronics

Back Button STM32W108HB Datasheet HTML 111Page - STMicroelectronics STM32W108HB Datasheet HTML 112Page - STMicroelectronics STM32W108HB Datasheet HTML 113Page - STMicroelectronics STM32W108HB Datasheet HTML 114Page - STMicroelectronics STM32W108HB Datasheet HTML 115Page - STMicroelectronics STM32W108HB Datasheet HTML 116Page - STMicroelectronics STM32W108HB Datasheet HTML 117Page - STMicroelectronics STM32W108HB Datasheet HTML 118Page - STMicroelectronics STM32W108HB Datasheet HTML 119Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 179 page
background image
STM32W108CB, STM32W108HB
General-purpose timers
Doc ID 16252 Rev 2
115/179
[15] TIM_ETP: External Trigger Polarity
This bit selects whether ETR or the inverse of ETR is used for trigger operations.
0: ETR is non-inverted, active at a high level or rising edge.
1: ETR is inverted, active at a low level or falling edge.
[14] TIM_ECE: External Clock Enable
This bit enables external clock mode 2.
0: External clock mode 2 disabled.
1: External clock mode 2 enabled. The counter is clocked by any active edge on the ETRF
signal.
Note: Setting the TIM_ECE bit has the same effect as selecting external clock mode 1 with
TRGI connected to ETRF (TIM_SMS=111 and TIM_TS=111).
It is possible to use this mode simultaneously with the following slave modes: reset
mode, gated mode and trigger mode. TRGI must not be connected to ETRF in this case
(the TIM_TS bits must not be 111).
If external clock mode 1 and external clock mode 2 are enabled at the same time, the
external clock input will be ETRF.
[13:12] TIM_ETPS: External Trigger Prescaler
External trigger signal ETRP frequency must be at most 1/4 of CK frequency. A prescaler can
be enabled to reduce ETRP frequency. It is useful with fast external clocks.
00: ETRP prescaler off.
01: Divide ETRP frequency by 2.
10: Divide ETRP frequency by 4.
11: Divide ETRP frequency by 8.
[11:8] TIM_ETF: External Trigger Filter
This defines the frequency used to sample the ETRP signal, Fsampling, and the length of the
digital filter applied to ETRP. The digital filter is made of an event counter in which N events are
needed to validate a transition on the output:
0000: Fsampling=PCLK, no filtering.1111: Fsampling=PCLK/32, N=8.
0001: Fsampling=PCLK, N=2.1110: Fsampling=PCLK/32, N=6.
0010: Fsampling=PCLK, N=4.1101: Fsampling=PCLK/32, N=5.
0011: Fsampling=PCLK, N=8.1100: Fsampling=PCLK/16, N=8.
0100: Fsampling=PCLK/2, N=6.1011: Fsampling=PCLK/16, N=6.
0101: Fsampling=PCLK/2, N=8.1010: Fsampling=PCLK/16, N=5.
0110: Fsampling=PCLK/4, N=6.1001: Fsampling=PCLK/8, N=8.
0111: Fsampling=PCLK/4, N=8.1000: Fsampling=PCLK/8, N=6.
Note: PCLK is 12 MHz when the STM32W108 is using the 24 MHz crystal oscillator, and 6
MHz if using the 12 MHz RC oscillator.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com