Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32W108HB Datasheet(PDF) 116 Page - STMicroelectronics

Part # STM32W108HB
Description  High-performance, IEEE 802.15.4 wireless system-on-chip
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32W108HB Datasheet(HTML) 116 Page - STMicroelectronics

Back Button STM32W108HB Datasheet HTML 112Page - STMicroelectronics STM32W108HB Datasheet HTML 113Page - STMicroelectronics STM32W108HB Datasheet HTML 114Page - STMicroelectronics STM32W108HB Datasheet HTML 115Page - STMicroelectronics STM32W108HB Datasheet HTML 116Page - STMicroelectronics STM32W108HB Datasheet HTML 117Page - STMicroelectronics STM32W108HB Datasheet HTML 118Page - STMicroelectronics STM32W108HB Datasheet HTML 119Page - STMicroelectronics STM32W108HB Datasheet HTML 120Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 179 page
background image
General-purpose timers
STM32W108CB, STM32W108HB
116/179
Doc ID 16252 Rev 2
8.3.4
Timer x event generation register (TIMx_EGR)
Address offset: 0xE014 (TIM1) and 0xF014 (TIM2)
Reset value:
0x0000 0000
[7] TIM_MSM: Master/Slave Mode
0: No action.
1: The effect of an event on the trigger input (TRGI) is delayed to allow exact synchronization
between the current timer and the slave (through TRGO). It is useful for synchronizing timers
on a single external event.
[6:4] TIM_TS: Trigger Selection
This bit field selects the trigger input used to synchronize the counter.
000 : Internal Trigger 0 (ITR0).
100 : TI1 Edge Detector (TI1F_ED).
101 : Filtered Timer Input 1 (TI1FP1).
110 : Filtered Timer Input 2 (TI2FP2).
111 : External Trigger input (ETRF).
Note: These bits must be changed only when they are not used (when TIM_SMS=000) to
avoid detecting spurious edges during the transition.
[2:0] TIM_SMS: Slave Mode Selection
When external signals are selected the active edge of the trigger signal (TRGI) is linked to the
polarity selected on the external input.
000: Slave mode disabled.
If TIM_CEN = 1 then the prescaler is clocked directly by the internal clock.
001: Encoder mode 1. Counter counts up/down on TI1FP1 edge depending on TI2FP2 level.
010: Encoder mode 2. Counter counts up/down on TI2FP2 edge depending on TI1FP1 level.
011: Encoder mode 3. Counter counts up/down on both TI1FP1 and TI2FP2 edges depending
on the level of the other input.
100: Reset Mode. Rising edge of the selected trigger signal (TRGI) >reinitializes the counter
and generates an update of the registers.
101: Gated Mode. The counter clock is enabled when the trigger signal (TRGI) is high. The
counter stops (but is not reset) as soon as the trigger becomes low. Both starting and stopping
the counter are controlled.
110: Trigger Mode. The counter starts at a rising edge of the trigger TRGI (but it is not reset).
Only starting the counter is controlled.
111: External Clock Mode 1. Rising edges of the selected trigger (TRGI) clock the counter.
Note: Gated mode must not be used if TI1F_ED is selected as the trigger input
(TIM_TS=100). TI1F_ED outputs 1 pulse for each transition on TI1F, whereas gated
mode checks the level of the trigger signal.
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
TIM_T
G
TIM_C
C4G
TIM_C
C3G
TIM_C
C2G
TIM_C
C1G
TIM_U
G
rw
rw
rw
rw
rw
rw
rw
rw
rw
wo
rw
wo
wo
wo
wo
wo



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com