Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32W108HB Datasheet(PDF) 120 Page - STMicroelectronics

Part # STM32W108HB
Description  High-performance, IEEE 802.15.4 wireless system-on-chip
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32W108HB Datasheet(HTML) 120 Page - STMicroelectronics

Back Button STM32W108HB Datasheet HTML 116Page - STMicroelectronics STM32W108HB Datasheet HTML 117Page - STMicroelectronics STM32W108HB Datasheet HTML 118Page - STMicroelectronics STM32W108HB Datasheet HTML 119Page - STMicroelectronics STM32W108HB Datasheet HTML 120Page - STMicroelectronics STM32W108HB Datasheet HTML 121Page - STMicroelectronics STM32W108HB Datasheet HTML 122Page - STMicroelectronics STM32W108HB Datasheet HTML 123Page - STMicroelectronics STM32W108HB Datasheet HTML 124Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 120 / 179 page
background image
General-purpose timers
STM32W108CB, STM32W108HB
120/179
Doc ID 16252 Rev 2
8.3.6
Timer x capture/compare mode register 2 (TIMx_CCMR2)
Address offset: 0xE01C (TIM1) and 0xF01C (TIM2)
Reset value:
0x0000 0000
Timer channels can be programmed as inputs (capture mode) or outputs (compare mode).
The direction of channel y is defined by TIM_CCyS in this register.
The other bits in this register have different functions in input and in output modes. The
TIM_OC* fields only apply to a channel configured as an output (TIM_CCyS = 0), and the
TIM_IC* fields only apply to a channel configured as an input (TIM_CCyS > 0).
[1:0] TIM_CC1S: Capture / Compare 1 Selection
This configures the channel as an output or an input. If an input, it selects the input source.
00: Channel is an output.
01: Channel is an input and is mapped to TI1.
10: Channel is an input and is mapped to TI2.
11: Channel is an input and is mapped to TRGI. This requires an internal trigger input selected
by the TIM_TS bit in the TIM_SMCR register.
Note: TIM_CC1S may be written only when the channel is off (TIM_CC1E = 0 in the
TIMx_CCER register).
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
TIM_OC4M
TIM_O
C4BE
TIM_O
C4FE
TIM_CC4S
TIM_OC3M
TIM_O
C3BE
TIM_O
C3FE
TIM_CC3S
TIM_IC4F
TIM_IC4PSC
TIM_IC3F
TIM_IC3PSC
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com