Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32W108HB Datasheet(PDF) 122 Page - STMicroelectronics

Part # STM32W108HB
Description  High-performance, IEEE 802.15.4 wireless system-on-chip
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32W108HB Datasheet(HTML) 122 Page - STMicroelectronics

Back Button STM32W108HB Datasheet HTML 118Page - STMicroelectronics STM32W108HB Datasheet HTML 119Page - STMicroelectronics STM32W108HB Datasheet HTML 120Page - STMicroelectronics STM32W108HB Datasheet HTML 121Page - STMicroelectronics STM32W108HB Datasheet HTML 122Page - STMicroelectronics STM32W108HB Datasheet HTML 123Page - STMicroelectronics STM32W108HB Datasheet HTML 124Page - STMicroelectronics STM32W108HB Datasheet HTML 125Page - STMicroelectronics STM32W108HB Datasheet HTML 126Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 122 / 179 page
background image
General-purpose timers
STM32W108CB, STM32W108HB
122/179
Doc ID 16252 Rev 2
[15:12] TIM_IC4F: Input Capture 1 Filter. (Applies only if TIM_CC4S > 0)
This defines the frequency used to sample the TI4 input, Fsampling, and the length of the
digital filter applied to TI4. The digital filter requires N consecutive samples in the same state
before being output.
0000: Fsampling=PCLK, no filtering.1000: Fsampling=PCLK/8, N=6.
0001: Fsampling=PCLK, N=2.1001: Fsampling=PCLK/8, N=8.
0010: Fsampling=PCLK, N=4.1010: Fsampling=PCLK/16, N=5.
0011: Fsampling=PCLK, N=8.1011: Fsampling=PCLK/16, N=6.
0100: Fsampling=PCLK/2, N=6.1100: Fsampling=PCLK/16, N=8.
0101: Fsampling=PCLK/2, N=8.1101: Fsampling=PCLK/32, N=5.
0110: Fsampling=PCLK/4, N=6.1110: Fsampling=PCLK/32, N=6.
0111: Fsampling=PCLK/4, N=8.1111: Fsampling=PCLK/32, N=8.
Note: PCLK is 12 MHz when using the 24 MHz crystal oscillator, and 6 MHz using the 12 MHz
RC oscillator.
[11:10] TIM_IC4PSC: Input Capture 1 Prescaler. (Applies only if TIM_CC4S > 0)
00: No prescaling, capture each time an edge is detected on the capture input.
01: Capture once every 2 events.
10: Capture once every 4 events.
11: Capture once every 6 events.
[9:8] TIM_CC4S: Capture / Compare 1 Selection
This configures the channel as an output or an input. If an input, it selects the input source.
00: Channel is an output.
01: Channel is an input and is mapped to TI4.
10: Channel is an input and is mapped to TI3.
11: Channel is an input and is mapped to TRGI. This mode requires an internal trigger input
selected by the TIM_TS bit in the TIMx_SMCR register.
Note: TIM_CC2S may be written only when the channel is off (TIM_CC2E = 0 in the
TIMx_CCER register).
[6:4] TIM_OC3M: Output Compare 1 Mode. (Applies only if TIM_CC3S = 0)
See TIM_OC4M description above.
[3] TIM_OC3BE: Output Compare 3 Buffer Enable. (Applies only if TIM_CC3S = 0)
See TIM_OC4BE description above.
[2] TIM_OC3FE: Output Compare 3 Fast Enable. (Applies only if TIM_CC3S = 0)
See TIM_OC4FE description above.
[7:4] TIM_IC3F: Input Capture 1 Filter. (Applies only if TIM_CC3S > 0)
See TIM_IC4F description above.
[3:2] TIM_IC3PSC: Input Capture 1 Prescaler. (Applies only if TIM_CC3S > 0)
See TIM_IC4PSC description above.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com