Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32W108HB Datasheet(PDF) 125 Page - STMicroelectronics

Part # STM32W108HB
Description  High-performance, IEEE 802.15.4 wireless system-on-chip
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32W108HB Datasheet(HTML) 125 Page - STMicroelectronics

Back Button STM32W108HB Datasheet HTML 121Page - STMicroelectronics STM32W108HB Datasheet HTML 122Page - STMicroelectronics STM32W108HB Datasheet HTML 123Page - STMicroelectronics STM32W108HB Datasheet HTML 124Page - STMicroelectronics STM32W108HB Datasheet HTML 125Page - STMicroelectronics STM32W108HB Datasheet HTML 126Page - STMicroelectronics STM32W108HB Datasheet HTML 127Page - STMicroelectronics STM32W108HB Datasheet HTML 128Page - STMicroelectronics STM32W108HB Datasheet HTML 129Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 125 / 179 page
background image
STM32W108CB, STM32W108HB
General-purpose timers
Doc ID 16252 Rev 2
125/179
8.3.10
Timer x auto-reload register (TIMx_ARR)
Address offset: 0xE02C (TIM1) and 0xF02C (TIM2)
Reset value:
0x0000 0000
8.3.11
Timer x capture/compare 1 register (TIMx_CCR1)
Address offset: 0xE034 (TIM1) and 0xF034 (TIM2)
Reset value:
0x0000 0000
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
TIM_ARR
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
[15:0] TIM_ARR: Auto-reload value
TIM_ARR is the value to be loaded in the shadow auto-reload register.
The auto-reload register is buffered. Writing or reading the auto-reload register accesses the
buffer register. The content of the buffer register is transfered in the shadow register
permanently or at each update event UEV, depending on the auto-reload buffer enable bit
(TIM_ARBE) in TMRx_CR1 register. The update event is sent when the counter reaches the
overflow point (or underflow point when down-counting) and if the TIM_UDIS bit equals 0 in the
TMRx_CR1 register. It can also be generated by software. The counter is blocked while the
auto-reload value is 0.
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
TIM_CCR
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
[15:0] TIM_CCR: Capture/compare value
If the CC1 channel is configured as an output (TIM_CC1S = 0):
TIM_CCR1 is the buffer value to be loaded in the actual capture/compare 1 register. It is loaded
permanently if the preload feature is not selected in the TMR1_CCMR1 register (bit OC1PE).
Otherwise the buffer value is copied to the shadow capture/compare 1 register when an update
event occurs. The active capture/compare register contains the value to be compared to the
counter TMR1_CNT and signaled on the OC1 output.
If the CC1 channel is configured as an input (TIM_CC1S is not 0):
CCR1 is the counter value transferred by the last input capture 1 event (IC1).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com