Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32W108HB Datasheet(PDF) 128 Page - STMicroelectronics

Part # STM32W108HB
Description  High-performance, IEEE 802.15.4 wireless system-on-chip
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32W108HB Datasheet(HTML) 128 Page - STMicroelectronics

Back Button STM32W108HB Datasheet HTML 124Page - STMicroelectronics STM32W108HB Datasheet HTML 125Page - STMicroelectronics STM32W108HB Datasheet HTML 126Page - STMicroelectronics STM32W108HB Datasheet HTML 127Page - STMicroelectronics STM32W108HB Datasheet HTML 128Page - STMicroelectronics STM32W108HB Datasheet HTML 129Page - STMicroelectronics STM32W108HB Datasheet HTML 130Page - STMicroelectronics STM32W108HB Datasheet HTML 131Page - STMicroelectronics STM32W108HB Datasheet HTML 132Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 128 / 179 page
background image
General-purpose timers
STM32W108CB, STM32W108HB
128/179
Doc ID 16252 Rev 2
8.3.17
Timer x interrupt configuration register (INT_TIMxCFG)
Address offset: 0xA840 (TIM1) and 0xA844 (TIM2)
Reset value:
0x0000 0000
8.3.18
Timer x interrupt flag register (INT_TIMxFLAG)
Address offset: 0xA800 (TIM1) and 0xA804 (TIM2)
Reset value:
0x0000 0000
[3] TIM_ORRSVD
Reserved: this bit must always be set to 0.
[2] TIM_CLKMSKEN
Enables TIM2MSK when TIM2CLK is selected as the external trigger: 0 = TIM2MSK not used,
1 = TIM2CLK is ANDed with the TIM2MSK input.
[1:0] TIM1_EXTRIGSEL
Selects the external trigger used in external clock mode 2: 0 = PCLK, 1 = calibrated 1 kHz
clock, 2 = 32 kHz reference clock (if available), 3 = TIM2CLK pin.
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
INT_TI
MTIF
INT_T
IMCC
4IF
INT_TI
MCC3I
F
INT_TI
MCC2I
F
INT_TI
MCC1I
F
INT_TI
MUIF
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
[6] INT_TIMTIF: Trigger interrupt enable.
[4] INT_TIMCC4IF: Capture or compare 4 interrupt enable.
[3] INT_TIMCC3IF: Capture or compare 3 interrupt enable.
[2] INT_TIMCC2IF: Capture or compare 2 interrupt enable.
[1] INT_TIMCC1IF: Capture or compare 1 interrupt enable.
[0] INT_TIMUIF: Update interrupt enable.
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
INT_TIMRSVD
INT_TI
MTIF
INT_T
IMCC
4IF
INT_TI
MCC3I
F
INT_TI
MCC2I
F
INT_TI
MCC1I
F
INT_TI
MUIF
rw
rw
rw
ro
rw
rw
rw
rw
rw
rw
rw
rw
rw



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com