Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32W108HB Datasheet(PDF) 132 Page - STMicroelectronics

Part # STM32W108HB
Description  High-performance, IEEE 802.15.4 wireless system-on-chip
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32W108HB Datasheet(HTML) 132 Page - STMicroelectronics

Back Button STM32W108HB Datasheet HTML 128Page - STMicroelectronics STM32W108HB Datasheet HTML 129Page - STMicroelectronics STM32W108HB Datasheet HTML 130Page - STMicroelectronics STM32W108HB Datasheet HTML 131Page - STMicroelectronics STM32W108HB Datasheet HTML 132Page - STMicroelectronics STM32W108HB Datasheet HTML 133Page - STMicroelectronics STM32W108HB Datasheet HTML 134Page - STMicroelectronics STM32W108HB Datasheet HTML 135Page - STMicroelectronics STM32W108HB Datasheet HTML 136Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 132 / 179 page
background image
Analog-to-digital converter
STM32W108CB, STM32W108HB
132/179
Doc ID 16252 Rev 2
9.1.4
Offset/gain correction
When a conversion is complete, the 16-bit converted data is processed by offset/gain
correction logic:
●
The basic ADC conversion result is added to the 16-bit signed (two’s complement)
value of the ADC offset register (ADC_OFFSET).
●
The offset-corrected data is multiplied by the 16-bit ADC gain register, ADC_GAIN, to
produce a 16-bit signed result. If the product is greater than 0x7FFF (32767), or less
than 0x8000 (-32768), it is limited to that value and the INT_ADCSAT bit is set in the
INT_ADCFLAG register.
ADC_GAIN is an unsigned scaled 16-bit value: ADC_GAIN[15] is the integer part of the gain
factor and ADC_GAIN[14:0] is the fractional part. As a result, ADC_GAIN values can
represent gain factors from 0 through (2 – 2-15).
Reset initializes the offset to zero (ADC_OFFSET = 0) and gain factor to one (ADC_GAIN =
0x8000).
9.1.5
DMA
The ADC DMA channel writes converted data, which incorporates the offset/gain correction,
into a DMA buffer in RAM.
The ADC DMA buffer is defined by two registers:
●
ADC_DMABEG is the start address of the buffer and must be even.
●
ADC_DMASIZE specifies the size of the buffer in 16-bit samples, or half its length in
bytes.
To prepare the DMA channel for operation, reset it by writing the ADC_DMARST bit in the
ADC_DMACFG register, then start the DMA in either linear or auto wrap mode by setting
the ADC_DMALOAD bit in the ADC_DMACFG register. The ADC_DMAAUTOWRAP bit in
the ADC_DMACFG register selects the DMA mode: 0 for linear mode, 1 for auto wrap mode.
●
In linear mode the DMA writes to the buffer until the number of samples given by
ADC_DMASIZE has been output. Then the DMA stops and sets the
INT_ADCULDFULL bit in the INT_ADCFLAG register. If another ADC conversion
completes before the DMA is reset or the ADC is disabled, the INT_ADCOVF bit in the
INT_ADCFLAG register is set.
●
In auto wrap mode the DMA writes to the buffer until it reaches the end, then resets its
pointer to the start of the buffer and continues writing samples. The DMA transfers
continue until the ADC is disabled or the DMA is reset.
When the DMA fills the lower and upper halves of the buffer, it sets the INT_ADCULDHALF
and INT_ADCULDFULL bits, respectively, in the INT_ADCFLAG register. The current
location to which the DMA is writing can also be determined by reading the ADC_DMACUR
register.
9.1.6
ADC configuration register
The ADC configuration register (ADC_CFG) sets up most of the ADC operating parameters.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com