Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32W108CBU64 Datasheet(PDF) 85 Page - STMicroelectronics

Part # STM32W108CBU64
Description  High-performance, IEEE 802.15.4 wireless system-on-chip
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32W108CBU64 Datasheet(HTML) 85 Page - STMicroelectronics

Back Button STM32W108CBU64 Datasheet HTML 81Page - STMicroelectronics STM32W108CBU64 Datasheet HTML 82Page - STMicroelectronics STM32W108CBU64 Datasheet HTML 83Page - STMicroelectronics STM32W108CBU64 Datasheet HTML 84Page - STMicroelectronics STM32W108CBU64 Datasheet HTML 85Page - STMicroelectronics STM32W108CBU64 Datasheet HTML 86Page - STMicroelectronics STM32W108CBU64 Datasheet HTML 87Page - STMicroelectronics STM32W108CBU64 Datasheet HTML 88Page - STMicroelectronics STM32W108CBU64 Datasheet HTML 89Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 179 page
background image
STM32W108CB, STM32W108HB
General-purpose timers
Doc ID 16252 Rev 2
85/179
Figure 14.
Counter timing diagram, update event when TIM_ARBE = 0 (TIMx_ARR
not buffered)
Figure 15.
Counter timing diagram, update event when TIM_ARBE = 1 (TIMx_ARR
buffered)
Down-counting mode
In down-counting mode, the counter counts from the auto-reload value (contents of the
TIMx_ARR register) down to 0, then restarts from the auto-reload value and generates a
counter underflow event.
An update event can be generated at each counter underflow, by setting the TIM_UG bit in
the TIMx_EGR register, or by using the slave mode controller). Software can disable the
update event by setting the TIM_UDIS bit in the TIMx_CR1 register, to avoid updating the
shadow registers while writing new values in the buffer registers. No update event occurs
until the TIM_UDIS bit is written to 0. However, the counter restarts from the current auto-
reload value, whereas the prescalar's counter restarts from 0, but the prescale rate doesn't
change.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com