Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32W108CBU64 Datasheet(PDF) 47 Page - STMicroelectronics

Part # STM32W108CBU64
Description  High-performance, IEEE 802.15.4 wireless system-on-chip
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32W108CBU64 Datasheet(HTML) 47 Page - STMicroelectronics

Back Button STM32W108CBU64 Datasheet HTML 43Page - STMicroelectronics STM32W108CBU64 Datasheet HTML 44Page - STMicroelectronics STM32W108CBU64 Datasheet HTML 45Page - STMicroelectronics STM32W108CBU64 Datasheet HTML 46Page - STMicroelectronics STM32W108CBU64 Datasheet HTML 47Page - STMicroelectronics STM32W108CBU64 Datasheet HTML 48Page - STMicroelectronics STM32W108CBU64 Datasheet HTML 49Page - STMicroelectronics STM32W108CBU64 Datasheet HTML 50Page - STMicroelectronics STM32W108CBU64 Datasheet HTML 51Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 179 page
background image
STM32W108CB, STM32W108HB
General-purpose input/outputs
Doc ID 16252 Rev 2
47/179
Note:
Because GPIO port registers' functions are identical, the notation Px is used here to refer to
PA, PB, or PC. For example, GPIO_PxIN refers to the registers GPIO_PAIN, GPIO_PBIN,
and GPIO_PCIN.
Each of the three GPIO ports has the following registers whose low-order eight bits
correspond to the port's eight GPIO pins:
●
GPIO_PxIN (input data register) returns the pin level (unless in analog mode).
●
GPIO_PxOUT (output data register) controls the output level in normal output mode.
●
GPIO_PxCLR (clear output data register) clears bits in GPIO_PxOUT.
●
GPIO_PxSET (set output data register) sets bits in GPIO_PxOUT.
●
GPIO_PxWAKE (wake monitor register) specifies the pins that can wake the
STM32W108.
In addition to these registers, each port has a pair of configuration registers,
GPIO_PxCFGH and GPIO_PxCFGL. These registers specify the basic operating mode for
the port's pins. GPIO_PxCFGL configures the pins Px[3:0] and GPIO_PxCFGH configures
the pins Px[7:4]. For brevity, the notation GPIO_PxCFGH/L refers to the pair of configuration
registers.
Five GPIO pins (PA6, PA7, PB6, PB7 and PC0) can sink and source higher current than
standard GPIO outputs. Refer to Table 41: Digital I/O specifications on page 169 for more
information.
6.1.2
Configuration
Each pin has a 4-bit configuration value in the GPIO_PxCFGH/L register. The various GPIO
modes and their 4 bit configuration values are shown in Table 4.
If a GPIO has two peripherals that can be the source of alternate output mode data, then
other registers in addition to GPIO_PxCFGH/L determine which peripheral controls the
output.
Table 4.
GPIO configuration modes
GPIO Mode
GPIO_PxCFGH/L
Description
Analog
0x0
Analog input or output. When in analog mode, the
digital input (GPIO_PxIN) always reads 1.
Input (floating)
0x4
Digital input without an internal pull up or pull down.
Output is disabled.
Input (pull-up or pull-
down)
0x8
Digital input with an internal pull up or pull down. A set
bit in GPIO_PxOUT selects pull up and a cleared bit
selects pull down. Output is disabled.
Output (push-pull)
0x1
Push-pull output. GPIO_PxOUT controls the output.
Output (open-drain)
0x5
Open-drain output. GPIO_PxOUT controls the output.
If a pull up is required, it must be external.
Alternate Output (push-
pull)
0x9
Push-pull output. An onboard peripheral controls the
output.
Alternate Output (open-
drain)
0xD
Open-drain output. An onboard peripheral controls the
output. If a pull up is required, it must be external.
Alternate Output (push-
pull) SPI SCLK Mode
0xB
Push-pull output mode only for SPI master mode
SCLK pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com