Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32W108CBU64 Datasheet(PDF) 43 Page - STMicroelectronics

Part # STM32W108CBU64
Description  High-performance, IEEE 802.15.4 wireless system-on-chip
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32W108CBU64 Datasheet(HTML) 43 Page - STMicroelectronics

Back Button STM32W108CBU64 Datasheet HTML 39Page - STMicroelectronics STM32W108CBU64 Datasheet HTML 40Page - STMicroelectronics STM32W108CBU64 Datasheet HTML 41Page - STMicroelectronics STM32W108CBU64 Datasheet HTML 42Page - STMicroelectronics STM32W108CBU64 Datasheet HTML 43Page - STMicroelectronics STM32W108CBU64 Datasheet HTML 44Page - STMicroelectronics STM32W108CBU64 Datasheet HTML 45Page - STMicroelectronics STM32W108CBU64 Datasheet HTML 46Page - STMicroelectronics STM32W108CBU64 Datasheet HTML 47Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 179 page
background image
STM32W108CB, STM32W108HB
System modules
Doc ID 16252 Rev 2
43/179
5.5
Power management
The STM32W108's power management system is designed to achieve the lowest deep
sleep current consumption possible while still providing flexible wakeup sources, timer
activity, and debugger operation. The STM32W108 has four main sleep modes:
●
Idle Sleep: Puts the CPU into an idle state where execution is suspended until any
interrupt occurs. All power domains remain fully powered and nothing is reset.
●
Deep Sleep 1: The primary deep sleep state. In this state, the core power domain is
fully powered down and the sleep timer is active
●
Deep Sleep 2: The same as Deep Sleep 1 except that the sleep timer is inactive to
save power. In this mode the sleep timer cannot wakeup the STM32W108.
●
Deep Sleep 0 (also known as Emulated Deep Sleep): The chip emulates a true deep
sleep without powering down the core domain. Instead, the core domain remains
powered and all peripherals except the system debug components (ITM, DWT, FPB,
NVIC) are held in reset. The purpose of this sleep state is to allow STM32W108
software to perform a deep sleep cycle while maintaining debug configuration such as
breakpoints.
5.5.1
Wake sources
When in deep sleep the STM32W108 can be returned to the running state in a number of
ways, and the wake sources are split depending on deep sleep 1 or deep sleep 2.
The following wake sources are available in both deep sleep 1 and 2.
●
Wake on GPIO activity: Wake due to change of state on any GPIO.
●
Wake on serial controller 1: Wake due to a change of state on GPIO Pin PB2.
●
Wake on serial controller 2: Wake due to a change of state on GPIO Pin PA2.
●
Wake on IRQD: Wake due to a change of state on IRQD. Since IRQD can be
configured to point to any GPIO, this wake source is another means of waking on any
GPIO activity.
●
Wake on setting of CDBGPWRUPREQ: Wake due to setting the CDBGPWRUPREQ bit
in the debug port in the SWJ.
●
Wake on setting of CSYSPWRUPREQ: Wake due to setting the CSYSPWRUPREQ bit
in the debug port in the SWJ.
The following sources are only available in deep sleep 1 since the sleep timer is not active in
deep sleep 2.
●
Wake on sleep timer compare A.
●
Wake on sleep timer compare B.
●
Wake on sleep timer wrap.
The following source is only available in deep sleep 0 since the SWJ is required to write
memory to set this wake source and the SWJ only has access to some registers in deep
sleep 0.
●
Wake on write to the WAKE_CORE register bit.
The Wakeup Recording module monitors all possible wakeup sources. More than one
wakeup source may be recorded because events are continually being recorded (not just in
deep-sleep), since another event may happen between the first wake event and when the
STM32W108 wakes up.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com