Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP98242-BE/ST Datasheet(PDF) 23 Page - Microchip Technology

Part # MCP98242-BE/ST
Description  Memory Module Temperature Sensor w/EEPROM for SPD
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP98242-BE/ST Datasheet(HTML) 23 Page - Microchip Technology

Back Button MCP98242-BE/ST Datasheet HTML 19Page - Microchip Technology MCP98242-BE/ST Datasheet HTML 20Page - Microchip Technology MCP98242-BE/ST Datasheet HTML 21Page - Microchip Technology MCP98242-BE/ST Datasheet HTML 22Page - Microchip Technology MCP98242-BE/ST Datasheet HTML 23Page - Microchip Technology MCP98242-BE/ST Datasheet HTML 24Page - Microchip Technology MCP98242-BE/ST Datasheet HTML 25Page - Microchip Technology MCP98242-BE/ST Datasheet HTML 26Page - Microchip Technology MCP98242-BE/ST Datasheet HTML 27Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 52 page
background image
© 2009 Microchip Technology Inc.
DS21996C-page 23
MCP98242
5.1.4
AMBIENT TEMPERATURE
REGISTER (TA)
The MCP98242 uses a band gap temperature sensor
circuit to output analog voltage proportional to absolute
temperature. An internal
ΔΣ ADC is used to convert the
analog voltage to a digital word. The converter
resolution is set to 0.25 °C + sign (11-bit data). The
digital word is loaded to a 16-bit read-only Ambient
Temperature register
(TA) that contains 11-bit
temperature data in two’s complement format.
The TA register bits (bits 12 thru 0) are double-buffered.
Therefore, the user can access the register while, in the
background, the MCP98242 performs an analog-to-
digital conversion. The temperature data from the
ΔΣ
ADC is loaded in parallel to the TA register at tCONV
refresh rate.
The TA magnitude in decimal to ambient temperature
conversion is shown in Equation 5-1:
EQUATION 5-1:
DECIMAL CODE TO
TEMPERATURE
CONVERSION
In addition, the TA register uses three bits (bits 15, 14
and 13) to reflect the Event pin state. This allows the
user to identify the cause of the Event output trigger
(see Section 5.2.3 “Event Output Configuration”);
bit 15 is set to ‘1’ if TA is greater than or equal to TCRIT,
bit 14 is set to ‘1’ if TA is greater than TUPPER and bit 13
is set to ‘1’ if TA is less than TLOWER.
The TA register bit assignment and boundary
conditions are described in Register 5-5.
TA
Code 2
4
–
×
=
Where:
TA = Ambient Temperature (°C)
Code = MCP98242 temperature output
magnitude in decimal (bits 0-11)
REGISTER 5-5:
AMBIENT TEMPERATURE REGISTER (TA) → ADDRESS ‘0000 0101’b
R-0
R-0
R-0
R-0
R-0
R-0
R-0
R-0
TA vs. TCRIT TA vs. TUPPER TA vs. TLOWER
SIGN
27 °C
26 °C
25 °C
24 °C
bit 15
bit 8
R-0
R-0
R-0
R-0
R-0
R-0
R-0
R-0
23 °C
22 °C
21 °C
20 °C
2-1 °C
2-2 °C
—
—
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 15
TA vs. TCRIT (1) Bit:
0 =TA < TCRIT
1 =TA ≥ TCRIT
bit 14
TA vs. TUPPER (1) Bit:
0 =TA ≤ TUPPER
1 =TA > TUPPER
bit 13
TA vs. TLOWER (1) Bit:
0 =TA ≥ TLOWER
1 =TA < TLOWER
bit 12
SIGN Bit:
0 =TA ≥ 0°C
1 =TA < 0°C
bit 11-2
Ambient Temperature (TA) Bits:
10-bit Ambient Temperature data in two’s complement format.
bit 1-0
TA: Data in 2’s complement format. Depending on the status of the Resolution Register (Register 5-8),
these bits may display 2-3°C (0.125°C) and 2-4°C (0.0625°C), respectively.
Note 1: Not affected by the status of the Event output configuration (bits 5 to 0 of CONFIG), Register 5-3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com