Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP98242-BE/ST Datasheet(PDF) 34 Page - Microchip Technology

Part # MCP98242-BE/ST
Description  Memory Module Temperature Sensor w/EEPROM for SPD
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP98242-BE/ST Datasheet(HTML) 34 Page - Microchip Technology

Back Button MCP98242-BE/ST Datasheet HTML 30Page - Microchip Technology MCP98242-BE/ST Datasheet HTML 31Page - Microchip Technology MCP98242-BE/ST Datasheet HTML 32Page - Microchip Technology MCP98242-BE/ST Datasheet HTML 33Page - Microchip Technology MCP98242-BE/ST Datasheet HTML 34Page - Microchip Technology MCP98242-BE/ST Datasheet HTML 35Page - Microchip Technology MCP98242-BE/ST Datasheet HTML 36Page - Microchip Technology MCP98242-BE/ST Datasheet HTML 37Page - Microchip Technology MCP98242-BE/ST Datasheet HTML 38Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 52 page
background image
MCP98242
DS21996C-page 34
© 2009 Microchip Technology Inc.
5.3.3.3
PWP (Permanent Write Protect)
Once the PWP register is written, the lower half of the
memory will be permanent protected and the device
will not acknowledge any command. The protected
area of the memory can not be cleared, reversed, or
re-written. If a write is attempted to the protected area,
the device will acknowledge the address byte and word
address but not the data byte. (See Table 5-4 and
Table 5-5).
Unlike SWP and CWP, a VHI_WP is not applied on the
A0 pin to execute PWP. The state of A2, A1, and A0 is
user selectable. However, the address pin states need
to match the slave address bits, as shown in Table 5-3.
FIGURE 5-14:
Timing Diagram for Setting Permanently Write Protect (See Section 4.0 “Serial
Communication”).
Note:
Once the Permanent Write-Protect is
executed, it cannot be reversed, even if the
device power is cycled.
SDA
A
C
K
01
1
0
A
A
C
K
S
2
A
1
A
0
12
3
4
5
6
7
8
1
2
345
6
7
8
SCLK
Address Byte
W
MCP98242
MCP98242
A
C
K
P
1
2
3
4
567
8
Data
Word Address
MCP98242
XX
X
X
X
XX
X
X
X
X
X
X
XX
X
Note:
Unlike SWP and CWP, a VHI_WP is not applied on the A0 pin to execute PWP.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com