Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP73833-AMI/UN Datasheet(PDF) 29 Page - Microchip Technology

Part # MCP73833-AMI/UN
Description  Stand-Alone Linear Li-Ion / Li-Polymer Charge Management Controller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP73833-AMI/UN Datasheet(HTML) 29 Page - Microchip Technology

Back Button MCP73833-AMI/UN Datasheet HTML 24Page - Microchip Technology MCP73833-AMI/UN Datasheet HTML 25Page - Microchip Technology MCP73833-AMI/UN Datasheet HTML 26Page - Microchip Technology MCP73833-AMI/UN Datasheet HTML 27Page - Microchip Technology MCP73833-AMI/UN Datasheet HTML 28Page - Microchip Technology MCP73833-AMI/UN Datasheet HTML 29Page - Microchip Technology MCP73833-AMI/UN Datasheet HTML 30Page - Microchip Technology MCP73833-AMI/UN Datasheet HTML 31Page - Microchip Technology MCP73833-AMI/UN Datasheet HTML 32Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 29 / 32 page
background image
© 2009 Microchip Technology Inc.
DS22005B-page 29
MCP73833/4
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
Device:
MCP73833: 1A Fully Integrated Charger,
PG function on pin 7
MCP73833T: 1A Fully Integrated Charger,
PG function on pin 7
(Tape and Reel)
MCP73834: 1A Fully Integrated Charger,
TE function on pin 7
MCP73834T: 1A Fully Integrated Charger,
TE function on pin 7
(Tape and Reel)
Output Options * *
* Refer to table below for different operational options.
* * Consult Factory for Alternative Device Options.
Temperature:
I
= -40
°C to +85°C
Package Type:
MF = Plastic Dual Flat No Lead (DFN)
(3x3x0.9 mm Body), 10-lead
UN = Plastic Micro Small Outline Package (MSOP),
10-lead
PART NO.
XX
Output
Device
Options*
X/
Temp.
XX
Package
Examples: * *
a)
MCP73833-AMI/UN: 10-lead MSOP pkg.
b)
MCP73833-BZI/UN: 10-lead MSOP pkg.
c)
MCP73833-CNI/MF: 10-lead DFN pkg.
d)
MCP73833-FCI/UN: 10-lead MSOP pkg.
e)
MCP73833-GPI/UN: 10-lead MSOP pkg.
f)
MCP73833-NVI/MF: 10-lead DFN pkg.
g)
MCP73833-6SI/MF: 10-lead DFN pkg.
a)
MCP73834-CNI/MF: 10-lead DFN pkg.
b)
MCP73834-FCI/UN: 10-lead MSOP pkg.
c)
MCP73834-GPI/UN: 10-lead MSOP pkg.
d)
MCP73834-NVI/MF: 10-lead DFN pkg.
e)
MCP73834-6SI/MF: 10-lead DFN pkg.
* * Consult Factory for Alternative Device Options
Part Number
VREG
IPREG/IREG
VPTH/VREG
ITERM/IREG
VRTH/VREG
Timer Period
MCP73833-AMI/MF
4.20V
10%
71.5%
7.5%
96.5%
0 hours
MCP73833-BZI/MF
4.20V
100%
N/A
7.5%
96.5%
0 hours
MCP73833-CNI/MF
4.20V
10%
71.5%
20%
94%
4 hours
MCP73833-FCI/MF
4.20V
10%
71.5%
7.5%
96.5%
6 hours
MCP73833-GPI/MF
4.20V
100%
N/A
7.5%
96.5%
6 hours
MCP73833-NVI/MF
4.35V
10%
71.5%
7.5%
96.5%
6 hours
MCP73833-6SI/MF
4.50V
10%
71.5%
7.5%
96.5%
6 hours
MCP73833-AMI/UN
4.20V
10%
71.5%
7.5%
96.5%
0 hours
MCP73833-FCI/UN
4.20V
10%
71.5%
7.5%
96.5%
6 hours
MCP73834-BZI/MF
4.20V
100%
N/A
7.5%
96.5%
0 hours
MCP73834-CNI/MF
4.20V
10%
71.5%
20%
94%
4 hours
MCP73834-FCI/MF
4.20V
10%
71.5%
7.5%
96.5%
6 hours
MCP73834-NVI/MF
4.35V
10%
71.5%
7.5%
96.5%
6 hours
MCP73834-6SI/MF
4.50V
10%
71.5%
7.5%
96.5%
6 hours
MCP73834-FCI/UN
4.20V
10%
71.5%
7.5%
96.5%
6 hours



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com