Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP73833-AMI/UN Datasheet(PDF) 19 Page - Microchip Technology

Part # MCP73833-AMI/UN
Description  Stand-Alone Linear Li-Ion / Li-Polymer Charge Management Controller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP73833-AMI/UN Datasheet(HTML) 19 Page - Microchip Technology

Back Button MCP73833-AMI/UN Datasheet HTML 15Page - Microchip Technology MCP73833-AMI/UN Datasheet HTML 16Page - Microchip Technology MCP73833-AMI/UN Datasheet HTML 17Page - Microchip Technology MCP73833-AMI/UN Datasheet HTML 18Page - Microchip Technology MCP73833-AMI/UN Datasheet HTML 19Page - Microchip Technology MCP73833-AMI/UN Datasheet HTML 20Page - Microchip Technology MCP73833-AMI/UN Datasheet HTML 21Page - Microchip Technology MCP73833-AMI/UN Datasheet HTML 22Page - Microchip Technology MCP73833-AMI/UN Datasheet HTML 23Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 32 page
background image
© 2009 Microchip Technology Inc.
DS22005B-page 19
MCP73833/4
6.0
APPLICATIONS
The MCP73833/4 is designed to operate in conjunction
with a host microcontroller or in stand-alone
applications. The MCP73833/4 provides the preferred
charge algorithm for Lithium-Ion and Lithium-Polymer
cells Constant-current followed by Constant-voltage.
Figure 6-1 depicts a typical stand-alone application
circuit,
while
Figures 6-2
and 6-3
depict
the
accompanying charge profile.
FIGURE 6-1:
Typical Application Circuit.
FIGURE 6-2:
Typical Charge Profile with
Thermal Regulation (1700 mAh Li-Ion Battery).
FIGURE 6-3:
Typical Charge Cycle Start
with Thermal Regulation (1700 mAh Li-Ion
Battery).
6.1
Application Circuit Design
Due to the low efficiency of linear charging, the most
important factors are thermal design and cost, which
are a direct function of the input voltage, output current
and thermal impedance between the battery charger
and the ambient cooling air. The worst-case scenario is
when
the
device
has
transitioned
from
the
Preconditioning mode to the Constant-current mode. In
this situation, the battery charger has to dissipate the
maximum power. A trade-off must be made between
the charge current, cost and thermal requirements of
the charger.
6.1.1
COMPONENT SELECTION
Selection of the external components in Figure 6-1 is
crucial to the integrity and reliability of the charging
system. The following discussion is intended as a guide
for the component selection process.
6.1.1.1
Current Programming Resistor
(RPROG)
The preferred fast charge current for Lithium-Ion cells
is at the 1C rate, with an absolute maximum current at
the 2C rate. For example, a 500 mAh battery pack has
a preferred fast charge current of 500 mA. Charging at
this rate provides the shortest charge cycle times
without degradation to the battery pack performance or
life.
STAT1
VDD
VSS
PROG
VBAT
+
-
Single
Li-Ion
Cell
1,2
MCP73833
6
9,10
7
Li-Ion Battery Charger
5
STAT2
PG
THERM
4
38
CIN
Regulated
Wall Cube
RPROG
RLED
COUT
LED
RLED
RLED
LED LED
RT1
10 k
Ω
T
RT2
0.0
1.0
2.0
3.0
4.0
5.0
Time (Minutes)
0.00
0.40
0.80
1.20
1.60
2.00
MCP73833-FCI/MF
VDD = 5.2V
RPROG = 1.00 k:
0.0
1.0
2.0
3.0
4.0
5.0
Time (Minutes)
0.00
0.40
0.80
1.20
1.60
2.00
MCP73833-FCI/MF
VDD = 5.2V
RPROG = 1.00 k:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com