Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP73833-AMI/UN Datasheet(PDF) 17 Page - Microchip Technology

Part # MCP73833-AMI/UN
Description  Stand-Alone Linear Li-Ion / Li-Polymer Charge Management Controller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP73833-AMI/UN Datasheet(HTML) 17 Page - Microchip Technology

Back Button MCP73833-AMI/UN Datasheet HTML 13Page - Microchip Technology MCP73833-AMI/UN Datasheet HTML 14Page - Microchip Technology MCP73833-AMI/UN Datasheet HTML 15Page - Microchip Technology MCP73833-AMI/UN Datasheet HTML 16Page - Microchip Technology MCP73833-AMI/UN Datasheet HTML 17Page - Microchip Technology MCP73833-AMI/UN Datasheet HTML 18Page - Microchip Technology MCP73833-AMI/UN Datasheet HTML 19Page - Microchip Technology MCP73833-AMI/UN Datasheet HTML 20Page - Microchip Technology MCP73833-AMI/UN Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 32 page
background image
© 2009 Microchip Technology Inc.
DS22005B-page 17
MCP73833/4
5.0
DETAILED DESCRIPTION
5.1
Analog Circuitry
5.1.1
BATTERY MANAGEMENT INPUT
SUPPLY (VDD)
The VDD input is the input supply to the MCP73833/4.
The MCP73833/4 automatically enters a Power-down
mode if the voltage on the VDD input falls below the
UVLO voltage (VSTOP). This feature prevents draining
the battery pack when the VDD supply is not present.
5.1.2
CURRENT REGULATION SET
(PROG)
Fast charge current regulation can be scaled by placing
a programming resistor (RPROG) from the PROG input
to VSS. The program resistor and the charge current
are calculated using the Equation 5-1:
EQUATION 5-1:
The preconditioning trickle-charge current and the
charge termination current are ratiometric to the fast
charge current based on the selected device options.
5.1.3
BATTERY CHARGE CONTROL
OUTPUT (VBAT)
The battery charge control output is the drain terminal
of an internal P-channel MOSFET. The MCP73833/4
provides constant current and voltage regulation to the
battery pack by controlling this MOSFET in the linear
region. The battery charge control output should be
connected to the positive terminal of the battery pack.
5.1.4
TEMPERATURE QUALIFICATION
(THERM)
The MCP73833/4 continuously monitors battery
temperature during a charge cycle by measuring the
voltage between the THERM and VSS pins. An internal
50 µA current source provides the bias for most
common
10 k
Ω negative-temperature coefficient
(NTC) or positive-temperature coefficient (PTC)
thermistors.The current source is controlled, avoiding
measurement sensitivity to fluctuations in the supply
voltage (VDD). The MCP73833/4 compares the voltage
at the THERM pin to factory set thersholds of 1.20V
and 0.25V, typically. Once a volage outside the
thresholds is detected during a charge cycle, the
MCP73833/4 immediately suspends the charge cycle.
The MCP73833/4 suspends charge by turning off the
pass transistor and holding the timer value. The charge
cycle resumes when the voltage at the THERM pin
returns to the normal range.
If temperature monitoring is not required, place a
standard 10 k
Ω resistor from THERM to VSS.
5.1.4.1
System Test (LDO) Mode
The MCP73833/4 can be placed in a system test mode.
In this mode, the MCP73833/4 operates as a low
dropout linear regulator (LDO). The output voltage is
regulated to the factory set voltage regulation option.
The available output current is limitted to the
programmed fast charge current. For stability, the VBAT
output must be bypassed to VSS with a minimum
capacitance of 1 µF for output currents up to 250 mA.
A minimum capacitance of 4.7 µF is required for output
currents above 250 mA.
The system test mode is entered by driving the THERM
input greater than (VDD-100 mV) with no battery
connected to the output. In this mode, the MCP73833/
4 can be used to power the system without a battery
present.
5.2
Digital Circuitry
5.2.1
STATUS INDICATORS AND POWER
GOOD (PG - OPTION)
The charge status outputs have two different states:
Low (L), and High Impedance (Hi-Z). The charge status
outputs can be used to illuminate LEDs. Optionally, the
charge status outputs can be used as an interface to a
host microcontroller. Table 5-1 summarize the state of
the status outputs during a charge cycle.
IREG
1000V
RPROG
-----------------
=
Where:
RPROG = kilo-ohms
IREG = milliampere
Note 1: ITHERM is disabled during shutdown,
stand-by, and system test modes.
2: A pull-down current source on the
THERM input is active only in stand-by
and system test modes.
3: During system test mode, the PROG
input sets the available output current
limit.
4: System test mode shall be exited by
releasing the THERM input or cycling
input power.
TABLE 5-1:
STATUS OUTPUTS
Charge Cycle State
STAT1
STAT2
PG
Shutdown
Hi-Z
Hi-Z
Hi-Z
Standby
Hi-Z
Hi-Z
L
Charge in Progress
L
Hi-Z
L
Charge Complete (EOC)
Hi-Z
L
L
Temperature Fault
Hi-Z
Hi-Z
L
Timer Fault
Hi-Z
Hi-Z
L
System Test Mode
L
L
L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com