Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP1702-1202E/TO Datasheet(PDF) 26 Page - Microchip Technology

Part # MCP1702-1202E/TO
Description  250 mA Low Quiescent Current LDO Regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1702-1202E/TO Datasheet(HTML) 26 Page - Microchip Technology

Back Button MCP1702-1202E/TO Datasheet HTML 22Page - Microchip Technology MCP1702-1202E/TO Datasheet HTML 23Page - Microchip Technology MCP1702-1202E/TO Datasheet HTML 24Page - Microchip Technology MCP1702-1202E/TO Datasheet HTML 25Page - Microchip Technology MCP1702-1202E/TO Datasheet HTML 26Page - Microchip Technology MCP1702-1202E/TO Datasheet HTML 27Page - Microchip Technology MCP1702-1202E/TO Datasheet HTML 28Page - Microchip Technology MCP1702-1202E/TO Datasheet HTML 29Page - Microchip Technology MCP1702-1202E/TO Datasheet HTML 30Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 32 page
background image
MCP1702
DS22008D-page 26
© 2009 Microchip Technology Inc.
/HDG3ODVWLF 7UDQVLVWRU 2XWOLQH 72 >72@
1RWHV
'LPHQVLRQV $ DQG ( GR QRW LQFOXGH PROG IODVK RU SURWUXVLRQV 0ROG IODVK RU SURWUXVLRQV VKDOO QRW H[FHHG
SHU VLGH
'LPHQVLRQLQJ DQG WROHUDQFLQJ SHU $60( <
0
%6& %DVLF 'LPHQVLRQ 7KHRUHWLFDOO\ H[DFW YDOXH VKRZQ ZLWKRXW WROHUDQFHV
1RWH
)RU WKH PRVW FXUUHQW SDFNDJH GUDZLQJV SOHDVHVHH WKH 0LFURFKLS 3DFNDJLQJ 6SHFLILFDWLRQ ORFDWHG DW
KWWSZZZ PLFURFKLSFRP SDFNDJLQJ
8QLWV,1&+(6
'LPHQVLRQ /LPLWV
0,1
0$;
1XPEHU RI 3LQV1
3LWFK
H
%6&
%RWWRP WR 3DFNDJH )ODW
'
2YHUDOO :LGWK
(
2YHUDOO /HQJWK
$
0ROGHG 3DFNDJH 5DGLXV5
7LS WR 6HDWLQJ 3ODQH
/
±
/HDG 7KLFNQHVV
F
/HDG :LGWK
E
E
A
N
1
L
b
e
c
R
D
1 2
3
0LFURFKLS 7HFKQRORJ\ 'UDZLQJ &
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com