Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP1702-1202E/TO Datasheet(PDF) 15 Page - Microchip Technology

Part # MCP1702-1202E/TO
Description  250 mA Low Quiescent Current LDO Regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1702-1202E/TO Datasheet(HTML) 15 Page - Microchip Technology

Back Button MCP1702-1202E/TO Datasheet HTML 11Page - Microchip Technology MCP1702-1202E/TO Datasheet HTML 12Page - Microchip Technology MCP1702-1202E/TO Datasheet HTML 13Page - Microchip Technology MCP1702-1202E/TO Datasheet HTML 14Page - Microchip Technology MCP1702-1202E/TO Datasheet HTML 15Page - Microchip Technology MCP1702-1202E/TO Datasheet HTML 16Page - Microchip Technology MCP1702-1202E/TO Datasheet HTML 17Page - Microchip Technology MCP1702-1202E/TO Datasheet HTML 18Page - Microchip Technology MCP1702-1202E/TO Datasheet HTML 19Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 32 page
background image
© 2009 Microchip Technology Inc.
DS22008D-page 15
MCP1702
4.0
DETAILED DESCRIPTION
4.1
Output Regulation
A portion of the LDO output voltage is fed back to the
internal error amplifier and compared with the precision
internal bandgap reference. The error amplifier output
will adjust the amount of current that flows through the
P-Channel pass transistor, thus regulating the output
voltage to the desired value. Any changes in input
voltage or output current will cause the error amplifier
to respond and adjust the output voltage to the target
voltage (refer to Figure 4-1).
4.2
Overcurrent
The MCP1702 internal circuitry monitors the amount of
current flowing through the P-Channel pass transistor.
In the event of a short-circuit or excessive output
current, the MCP1702 will turn off the P-Channel
device for a short period, after which the LDO will
attempt to restart. If the excessive current remains, the
cycle will repeat itself.
4.3
Overtemperature
The internal power dissipation within the LDO is a
function of input-to-output voltage differential and load
current. If the power dissipation within the LDO is
excessive, the internal junction temperature will rise
above the typical shutdown threshold of 150°C. At that
point, the LDO will shut down and begin to cool to the
typical turn-on junction temperature of 130°C. If the
power dissipation is low enough, the device will
continue to cool and operate normally. If the power
dissipation remains high, the thermal shutdown
protection circuitry will again turn off the LDO,
protecting it from catastrophic failure.
FIGURE 4-1:
Block Diagram.
+
-
MCP1702
VIN
VOUT
GND
+VIN
Error Amplifier
Voltage
Reference
Overcurrent
Overtemperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com