Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP1702-1202E/TO Datasheet(PDF) 11 Page - Microchip Technology

Part # MCP1702-1202E/TO
Description  250 mA Low Quiescent Current LDO Regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1702-1202E/TO Datasheet(HTML) 11 Page - Microchip Technology

Back Button MCP1702-1202E/TO Datasheet HTML 7Page - Microchip Technology MCP1702-1202E/TO Datasheet HTML 8Page - Microchip Technology MCP1702-1202E/TO Datasheet HTML 9Page - Microchip Technology MCP1702-1202E/TO Datasheet HTML 10Page - Microchip Technology MCP1702-1202E/TO Datasheet HTML 11Page - Microchip Technology MCP1702-1202E/TO Datasheet HTML 12Page - Microchip Technology MCP1702-1202E/TO Datasheet HTML 13Page - Microchip Technology MCP1702-1202E/TO Datasheet HTML 14Page - Microchip Technology MCP1702-1202E/TO Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
© 2009 Microchip Technology Inc.
DS22008D-page 11
MCP1702
Note: Unless otherwise indicated: V
R = 2.8V, COUT = 1 µF Ceramic (X7R), CIN = 1 µF Ceramic (X7R), IL = 100 µA,
TA = +25°C, VIN = VOUT(MAX) + VDROPOUT(MAX).
FIGURE 2-25:
Power Supply Ripple
Rejection vs. Frequency.
FIGURE 2-26:
Power Supply Ripple
Rejection vs. Frequency.
FIGURE 2-27:
Output Noise vs. Frequency.
FIGURE 2-28:
Power Up Timing.
FIGURE 2-29:
Dynamic Load Response.
FIGURE 2-30:
Dynamic Load Response.
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
0.01
0.1
1
10
100
1000
Frequency (kHz)
VR=1.2V
COUT=1.0 μF ceramic X7R
VIN=2.7V
CIN=0 μF
IOUT=1.0 mA
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
0.01
0.1
1
10
100
1000
Frequency (kHz)
VR=5.0V
COUT=1.0 μF ceramic X7R
VIN=6.0V
CIN=0 μF
IOUT=1.0 mA
0.001
0.01
0.1
1
10
100
0.01
0.1
1
10
100
1000
Frequency (kHz)
VR=5.0V, VIN=6.0V
IOUT=50 mA
VR=2,8V, VIN=3.8V
VR=1.2V, VIN=2.7V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com